Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT50B Datasheet (PDF) - Vishay Siliconix

FVT50B Datasheet PDF - Vishay Siliconix
Part # FVT50B
Download  FVT50B Download
File Size   144.13 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular

FVT50B Datasheet (PDF)

Go To PDF Page Download Datasheet
FVT50B Datasheet PDF - Vishay Siliconix

Part # FVT50B
Download  FVT50B Click to download

File Size   144.13 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular

FVT50B Datasheet (HTML) - Vishay Siliconix


FVT50B Product details

• High temperature vitreous coating
• Complete welded construction
• Available in non-inductive style (special “NI”)
with Ayrton-Perry winding
• Tight tolerance of 5 % for values above 1 
• Excellent stability in operation (< 3 % change
resistance)




Similar Part No. - FVT50B

ManufacturerPart #DatasheetDescription
logo
RFE international
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Level One
FVT-0103TXFC LVL1-FVT-0103TXFC Datasheet
386Kb / 3P
10/100BASE-TX to 100BASE-FX MMF SC PoE PD Converter, 2km
FVT-0104TXFC LVL1-FVT-0104TXFC Datasheet
382Kb / 3P
10/100BASE-TX to 100BASE-FX SMF SC PoE PD Converter, 20km
FVT-0203TFC LVL1-FVT-0203TFC Datasheet
217Kb / 1P
100TX to 100FX-SC Converter w/POE Injector
FVT-0203TXFC LVL1-FVT-0203TXFC Datasheet
217Kb / 1P
100TX to 100FX-SC Converter w/POE Injector
More results


Similar Description - FVT50B

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FVOT VISHAY-FVOT Datasheet
98Kb / 3P
Wirewound Resistor, Industrial Power, Vitreous Coated, Miniature Flat
13-Oct-16
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com