Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F226 Datasheet (PDF) - List of Unclassifed Manufacturers

C8051F226 Datasheet PDF - List of Unclassifed Manufacturers
Part # C8051F226
Download  C8051F226 Download
File Size   108.88 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Mixed-Signal 8KB ISP FLASH MCU

C8051F226 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F226 Datasheet PDF - List of Unclassifed Manufacturers

Part # C8051F226
Download  C8051F226 Click to download

File Size   108.88 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Mixed-Signal 8KB ISP FLASH MCU

C8051F226 Datasheet (HTML) - List of Unclassifed Manufacturers


C8051F226 Product details

[CYGNAL]

ANALOG PERIPHERALS
8-bit, 32-Channel ADC
- 32 External Inputs (Each Port I/O can be configured as an ADC Input on the Fly!)
- ±1/2LSB INL
- No Missing Codes
- Programmable Throughput up to 100ksps

Two Comparators
- Programmable Hysteresis
- Configurable to Generate Interrupts or Reset

VDD Monitor and Brown-out Detector
ON-CHIP JTAG EMULATION
- On-Chip Emulation Circuitry Facilitates Full Speed, Non-Intrusive In-Circuit Emulation
- Supports Breakpoints, Single Stepping, Watchpoints
- Inspect/Modify Memory and Registers
- Superior Performance to Emulation Systems Using ICE-Chips, Target Pods, and Sockets
- $99 Development Kit (C8051F226DK)

SUPPLY VOLTAGE .................... 2.7V to 3.6V
- Typical Operating Current: 9mA @ 25MHz
- Multiple Power Saving Sleep and Shutdown Modes

8051-COMPATIBLE mmC Core
- Pipelined Instruction Architecture; Executes 70% of Instructions in 1 or 2 System Clocks
- Up to 25MIPS Throughput with 25MHz Clock
- Expanded Interrupt Handler; Up to 22 Interrupt Sources

MEMORY
- 1280 Bytes Data RAM
- 8k Bytes FLASH; In-System Programmable in 512 byte Sectors

DIGITAL PERIPHERALS
- 32 Port I/O; All are 5V tolerant
- Hardware SPITM and UART Serial Ports Available Concurrently
- Three 16-bit Counter/Timers
- Dedicated Watch-Dog Timer
- Bi-directional Reset

CLOCK SOURCES
- Internal Programmable Oscillator: 2-to-16MHz
- External Oscillator: Crystal, RC, C, or Clock
- Can Switch Between Clock Sources on-the-fly; Useful in Power Saving Modes

Temperature Range: –40°°C to +85°°C
48-Pin TQFP Package




Similar Part No. - C8051F226

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F226 SILABS-C8051F226 Datasheet
430Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
logo
List of Unclassifed Man...
C8051F226DK ETC-C8051F226DK Datasheet
165Kb / 2P
8K Flash, 256 RAM, 48-Pin MCU
C8051F226DK ETC-C8051F226DK Datasheet
162Kb / 2P
8K Flash, 256 RAM, 32-Pin MCU
More results


Similar Description - C8051F226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F020 ETC-C8051F020 Datasheet
51Kb / 2P
Mixed-Signal 64KB ISP FLASH MCU
C8051F221 ETC-C8051F221 Datasheet
108Kb / 2P
Mixed-Signal 8KB ISP FLASH MCU
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F330 SILABS-C8051F330_07 Datasheet
2Mb / 216P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F120-GQR SILABS-C8051F120-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F330-GMR SILABS-C8051F330-GMR Datasheet
1Mb / 210P
Mixed-Signal ISP Flash MCU
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com