Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32F3348DISCOVERY Datasheet (PDF) - STMicroelectronics

32F3348DISCOVERY Datasheet PDF - STMicroelectronics
Part # 32F3348DISCOVERY
Download  32F3348DISCOVERY Download
File Size   393.09 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Discovery kit for STM32F334 line

32F3348DISCOVERY Datasheet (PDF)

Go To PDF Page Download Datasheet
32F3348DISCOVERY Datasheet PDF - STMicroelectronics

Part # 32F3348DISCOVERY
Download  32F3348DISCOVERY Click to download

File Size   393.09 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Discovery kit for STM32F334 line

32F3348DISCOVERY Datasheet (HTML) - STMicroelectronics


32F3348DISCOVERY Product details

Description
The Discovery kit for STM32F334 line helps you
to discover the digital power features of the
STM32F334 line microcontrollers and to develop
your applications easily. It offers everything
required for both beginners and experienced
users to get started quickly.
Based on an STM32F334C8T6, it includes an STLINK/V2-1 embedded debug tool interface, high
brightness LED dimming with buck converter,
buck/boost converter, LEDs and pushbuttons.

Features
• STM32F334C8T6 microcontroller featuring 64
KB of Flash memory, 16 KB RAM in an
LQFP48 package.
• On-board ST-LINK/V2-1 with selection mode
switch to use the kit as a standalone STLINK/V2-1 (with SWD connector for
programming and debugging).
• mbed™-enabled (mbed.org)
• USB ST-LINK with re-enumeration capability
and three different interfaces:
– virtual com port
– mass storage
– debug port
• Board power supply: through USB bus or from
an external 5 V supply voltage.
• External application power supply: 3 V and 5 V.
• High brightness LED dimming with buck
converter.
• One buck / boost converter.
• Six LEDs:
– LD1 (red) for 3.3 V power on
– LD2 (red/green) for USB communication
– Four user LEDs: LD3 (red), LD4 (orange),
LD5 (green) and LD6 (blue).
• Two pushbuttons (user and reset).
• Extension header for LQFP48 I/Os for a quick
connection to the prototyping board and easy
probing.
• Comprehensive free software including a
variety of examples, part of STM32CubeF3
package or STSW-STM32148 for legacy
Standard Library usage.




Similar Part No. - 32F3348DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
3Mb / 26P
STM32 development boards
More results


Similar Description - 32F3348DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
29-Sep-2014
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
29-Sep-2014
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
15-Nov-2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
19-Mar-2020
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
17-Jul-2015
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com