Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT7-M24LR-A Datasheet (PDF) - STMicroelectronics

ANT7-M24LR-A Datasheet PDF - STMicroelectronics
Part # ANT7-M24LR-A
Download  ANT7-M24LR-A Download
File Size   91.95 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15 mm x 15 mm antenna reference board

ANT7-M24LR-A Datasheet (PDF)

Go To PDF Page Download Datasheet
ANT7-M24LR-A Datasheet PDF - STMicroelectronics

Part # ANT7-M24LR-A
Download  ANT7-M24LR-A Click to download

File Size   91.95 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15 mm x 15 mm antenna reference board

ANT7-M24LR-A Datasheet (HTML) - STMicroelectronics


ANT7-M24LR-A Product details

Description
The ANT7-M24LR-A antenna reference board is a ready-to-use PCB that features an M24LR64-R Dual Interface EEPROM IC connected to a 15 mm x 15 mm 13.56 MHz etched RF antenna on one side, and to an I2C bus on the other side. It allows system designers to evaluate the M24LR64-R IC performance and capabilities, and to get started with their design. ANT7-M24LR-A Gerber files are available from http://www.st.com.

Features
■ Ready-to-use printed circuit board (PCB) including – 15 mm x 15 mm double layer 13.56 MHz inductive antenna etched on the PCB – I2C connector




Similar Part No. - ANT7-M24LR-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ANT7-M24LR16E STMICROELECTRONICS-ANT7-M24LR16E Datasheet
140Kb / 4P
15 mm x 15 mm double layer antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
More results


Similar Description - ANT7-M24LR-A

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK2 GREATECS-RK2 Datasheet
400Kb / 1P
21 x 15 mm Rocker Switches
logo
STMicroelectronics
ANT1-M24LR16E STMICROELECTRONICS-ANT1-M24LR16E Datasheet
146Kb / 4P
45 mm x 75 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
ANT1-M24LR-A STMICROELECTRONICS-ANT1-M24LR-A Datasheet
78Kb / 3P
45 mm x 75 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT2-M24LR16E STMICROELECTRONICS-ANT2-M24LR16E Datasheet
144Kb / 4P
20 mm x 40 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
ANT2-M24LR-A STMICROELECTRONICS-ANT2-M24LR-A Datasheet
65Kb / 3P
20 mm x 40 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT7-M24LR16E STMICROELECTRONICS-ANT7-M24LR16E Datasheet
140Kb / 4P
15 mm x 15 mm double layer antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
logo
Delta Electronics, Inc.
AFB0512HHB DELTA-AFB0512HHB Datasheet
358Kb / 2P
50 x 50 x 15 MM SERIES
logo
List of Unclassifed Man...
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
80 x 80 x 15 MM SERIES
logo
STMicroelectronics
UM2053 STMICROELECTRONICS-UM2053 Datasheet
290Kb / 10P
14 mm x 14 mm antenna reference board for the M24SR64-Y dual interface EEPROM
21-Apr-2016
logo
FIBOX Enclosing innovat...
5070726 FIBOX-5070726 Datasheet
41Kb / 1P
Spacer 15 mm
31.07.2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com