Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-F446E-96B01A Datasheet (PDF) - STMicroelectronics

B-F446E-96B01A Datasheet PDF - STMicroelectronics
Part # B-F446E-96B01A
Download  B-F446E-96B01A Download
File Size   2332.91 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB re-enumeration capability

B-F446E-96B01A Datasheet (PDF)

Go To PDF Page Download Datasheet
B-F446E-96B01A Datasheet PDF - STMicroelectronics

Part # B-F446E-96B01A
Download  B-F446E-96B01A Click to download

File Size   2332.91 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB re-enumeration capability

B-F446E-96B01A Datasheet (HTML) - STMicroelectronics


B-F446E-96B01A Product details

Description
The 96Boards Mezzanine board with the STM32F446 MCU (B-F446E-96B01A) enables users to prototype systems that are aware of their environment, thanks to the embedded sensors for movement, pressure and sound. It can directly be plugged on top of the 96Boards CE cards and supports multiple expansion possibilities through the Arduino™ Uno Revision 3 or the Grove™ connectivity. The integrated ST-LINK/V2-1 debugger facilitates software development, dragand-drop programming and provides a direct access to the ARM® mbed™ on-line resources.

Features
■ Based on STM32F446 MCU ARM® Cortex® -M4 180MHz in LQFP100




Similar Part No. - B-F446E-96B01A

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
B-FER-1/16 OMEGA-B-FER-1/16 Datasheet
495Kb / 2P
STANDARD DIMENSION DE OMEGA ADAPTORS AND REDUCING RUSHINGS
B-FER-1/2 OMEGA-B-FER-1/2 Datasheet
495Kb / 2P
STANDARD DIMENSION DE OMEGA ADAPTORS AND REDUCING RUSHINGS
B-FER-1/4 OMEGA-B-FER-1/4 Datasheet
495Kb / 2P
STANDARD DIMENSION DE OMEGA ADAPTORS AND REDUCING RUSHINGS
B-FER-1/8 OMEGA-B-FER-1/8 Datasheet
495Kb / 2P
STANDARD DIMENSION DE OMEGA ADAPTORS AND REDUCING RUSHINGS
B-FER-3/16 OMEGA-B-FER-3/16 Datasheet
495Kb / 2P
STANDARD DIMENSION DE OMEGA ADAPTORS AND REDUCING RUSHINGS
More results


Similar Description - B-F446E-96B01A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5131 ATMEL-AT89C5131_14 Datasheet
65Kb / 5P
USB ??Ping-Pong databank 1 Re-transmission Failure
logo
List of Unclassifed Man...
MA8605 ETC2-MA8605 Datasheet
270Kb / 2P
Automatic re-enumeration for switching between self-powered and bus-powered modes
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
MAX77301 MAXIM-MAX77301_V01 Datasheet
1Mb / 67P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
logo
SAMYANG ELECTRONICS CO....
ES3A SAMYANG-ES3A Datasheet
1Mb / 2P
SUPER FAST RE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com