Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK3400 Datasheet (PDF) - STMicroelectronics

DK3400 Datasheet PDF - STMicroelectronics
Part # DK3400
Download  DK3400 Download
File Size   133.34 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DK3400 demonstration kit

DK3400 Datasheet (PDF)

Go To PDF Page Download Datasheet
DK3400 Datasheet PDF - STMicroelectronics

Part # DK3400
Download  DK3400 Click to download

File Size   133.34 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DK3400 demonstration kit

DK3400 Datasheet (HTML) - STMicroelectronics


DK3400 Product details

Description
The DK3400 kit is a demo board for the uPSD3400 family which is a series of 8051 class microcontrollers (MCUs) that contain a fast Turbo Plus 8032 core with 16-bit code fetch path, fullspeed USB port, a large dual bank Flash memory, a large SRAM, many peripherals, programmable logic and a JTAG Debug / In System Programming (ISP) port. The DK3400 kit consists of an ED3K4 module and DK3400 motherboard as well as all the items needed to explore the uPSD3400 MCU. There are also demonstration application examples along with an evaluation copy of the tools needed to develop and compile code for the uPSD3400.

Features
■ Comprises both the ED3K4 evaluation board and DK3400 motherboard
■ Selectable power sources for ED3K4: USB cable and 5 V wall adapter
■ Dual USB port for E-RLINK and uPSD USB users
■ 100-pin expansion connector
■ JTAG port
■ RS232 connector
■ 5 V power jack on ED3K4 and 9 V power jack on the DK3400 motherboard
■ 128 Mbit NAND Flash
■ Real-time clock (RTC)
■ 8 Mbit SPI Flash
■ 16 Kbit I2C EEPROM
■ RLINK embedded debug tools
■ IrDA transceiver
■ 122*32 dot matrix LCD with Chinese font support
■ PS/2 keyboard connector




Similar Part No. - DK3400

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DK34-1.0 YAMAICHI-DK34-1.0 Datasheet
46Kb / 2P
1.0mm High Density FLEX (300V, 105째C)
DK34-1.0M YAMAICHI-DK34-1.0M Datasheet
46Kb / 2P
1.0mm High Density FLEX (300V, 105째C)
More results


Similar Description - DK3400

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
Development and Demonstration Kit
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
Performance Demonstration Kit for the ADS130E08
SLAU443 TI1-SLAU443 Datasheet
3Mb / 68P
EEG Front-End Performance Demonstration Kit
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
Demonstration Kit Standard Components
logo
STMicroelectronics
AN1714 STMICROELECTRONICS-AN1714 Datasheet
1Mb / 46P
transceiver demonstration kit description
27-Feb-2008
UM1518 STMICROELECTRONICS-UM1518 Datasheet
1Mb / 37P
ST7580 power line modem demonstration kit
05-Dec-2012
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
Demonstration kit for single
11-Nov-2009
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
STCF04 demonstration kit
28-Aug-2012
logo
Linear Technology
LTC4123EDC LINER-LTC4123EDC Datasheet
846Kb / 10P
Low Power Wireless Charger Demonstration Kit
logo
Maxim Integrated Produc...
MAXAUTHDEMO MAXIM-MAXAUTHDEMO Datasheet
363Kb / 3P
DeepCover Secure Authenticator Demonstration Kit
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com