Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6520-1421 Datasheet (PDF) - STMicroelectronics

EVAL6520-1421 Datasheet PDF - STMicroelectronics
Part # EVAL6520-1421
Download  EVAL6520-1421 Download
File Size   1502.7 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard form factor

EVAL6520-1421 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL6520-1421 Datasheet PDF - STMicroelectronics

Part # EVAL6520-1421
Download  EVAL6520-1421 Click to download

File Size   1502.7 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard form factor

EVAL6520-1421 Datasheet (HTML) - STMicroelectronics


EVAL6520-1421 Product details

Description
The EVAL6520-1421 is a demonstration board able to drive either a 14 W or 21 W linear T5 fluorescent lamp with the L6520 low voltage ballast controller. The half bridge consists of NPN high voltage power transistors driven by a suitable pulse transformer. EVAL6520-1421

Features
■ Drives either T5-14W-HE or T5-21W-HE lamps
■ Standard form factor (19 mm x 120 mm)
■ Compliance with IEC61347-2-3, IEC61000-2-3 and EN55022 Class-C




Similar Part No. - EVAL6520-1421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
EVAL6562-250W STMICROELECTRONICS-EVAL6562-250W Datasheet
95Kb / 4P
L6562-250W High performance TM PFC
13-Nov-2006
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
L6563 400 W FOT-controlled PFC pre-regulator
26-Jan-2007
EVAL6563-80W STMICROELECTRONICS-EVAL6563-80W Datasheet
202Kb / 5P
L6563 80W High performanceTM PFC with active tracking boost function
10-Jan-2007
logo
Panasonic Semiconductor
EVAL6569 PANASONIC-EVAL6569 Datasheet
192Kb / 14P
THE L6569 A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
More results


Similar Description - EVAL6520-1421

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEB94000 AXIOMTEK-CEB94000 Datasheet
199Kb / 1P
Standard ATX form factor for development purpose
CEB94000 AXIOMTEK-CEB94000_15 Datasheet
314Kb / 1P
Standard ATX form factor for development purpose
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
Compact form factor
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911L AVAGO-HFBR-5911L Datasheet
200Kb / 12P
Industry standard small form factor (SFF) package
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com