Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2031 Datasheet (PDF) - Vishay Siliconix

DG2031 Datasheet PDF - Vishay Siliconix
Part # DG2031
Download  DG2031 Download
File Size   68.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Sub 1, Dual SPDT Analog Switch

DG2031 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2031 Datasheet PDF - Vishay Siliconix

Part # DG2031
Download  DG2031 Click to download

File Size   68.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Sub 1, Dual SPDT Analog Switch

DG2031 Datasheet (HTML) - Vishay Siliconix


DG2031 Product details

DESCRIPTION
The DG2031 is a sub 1-Ω (0.75 Ω @ 2.7 V ) dual SPDT analog switch designed for low voltage applications.

FEATURES
• Low Voltage Operation (1.8 V to 5.5 V)
• Low On-Resistance - rON: 0.45 Ω
• −71 dB OIRR @ 2.7 V, 100 kHz
• ESD Protection >2000 V
• MSOP-10 Package
• Available in Lead (Pb)-Free

BENEFITS
• Reduced Power Consumption
• High Accuracy
• Reduce Board Space
• 1.6-V Logic Compatible
• High Bandwidth

APPLICATIONS
• Cellular Phones
• Speaker Headset Switching
• Audio and Video Signal Routing
• PCMCIA Cards
• Battery Operated Systems
• Relay Replacement




Similar Part No. - DG2031

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
81Kb / 7P
Low-Voltage, Sub 1-Ω, Dual SPDT Analog Switch
21-Jun-04
DG2031 VISHAY-DG2031_V01 Datasheet
81Kb / 7P
Low-Voltage, Sub 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results


Similar Description - DG2031

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4621 AME-AME4621 Datasheet
70Kb / 12P
1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
logo
ON Semiconductor
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Vishay Siliconix
DG2031 VISHAY-DG2031_V01 Datasheet
81Kb / 7P
Low-Voltage, Sub 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com