Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-VNH5019-P2 Datasheet (PDF) - STMicroelectronics

EVAL-VNH5019-P2 Datasheet PDF - STMicroelectronics
Part # EVAL-VNH5019-P2
Download  EVAL-VNH5019-P2 Download
File Size   88.08 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reverse-voltage protection

EVAL-VNH5019-P2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-VNH5019-P2 Datasheet PDF - STMicroelectronics

Part # EVAL-VNH5019-P2
Download  EVAL-VNH5019-P2 Click to download

File Size   88.08 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reverse-voltage protection

EVAL-VNH5019-P2 Datasheet (HTML) - STMicroelectronics


EVAL-VNH5019-P2 Product details

Description
This motor driver shield makes it easy to control two bidirectional, high-power, brushed DC motors with an Arduino-Compatible, SPC56P-Discovery and STM32 Nucleo boards. The board features a pair of robust VNH5019A motor drivers, which operate from 5.5 to 24 V and can deliver a continuous 12 A (30 A peak) per channel, and incorporate most of the components of the typical application, like pull-up's and protection resistors and FETs for reverse battery protection. This versatile motor driver is intended for a wide range of users, from beginners who just want a plug-and-play motor control solution for their Arduinos and Nucleo to experts who want to directly interface with ST's great motor driver ICs. The Arduino pin mappings can all be customized if the defaults are not convenient and the VNH5019A control lines are broken out along the left side of the board for general-purpose use without an Arduino. This versatility, along with an option to power the Arduino directly from the shield, set this board apart from similar competing motor shields and it is as well a perfect tool to evaluate VNH5019A performance. For more information please visit Pololu web site.

Features
■ Wide operating voltage range: 5.5 - 24 V
■ High output current: up to 12 A continuous (30 maximum) per motor
■ Motor outputs can be combined to deliver up to 24 A continuous (60 A maximum) to a single motor
■ Inputs compatible with both 5 V and 3.3 V systems (logic high threshold is 2.1 V)
■ PWM operation up to 20 kHz for quieter motor operation
■ Current sense voltage output proportional to motor current
■ Motor indicator LEDs show what the outputs are doing even when no motor is connected
■ Can be used with Arduino compatible boards, SPC56P-Discovery, STM32 Nucleo or other microcontroller boards
■ When used as a shield, the motor power supply can optionally be used to power the Arduino base as well
■ Arduino pin mappings can be customized if the default mappings are not convenient
■ Arduino library or SPC5Studio makes it easy to get started using this board as a motor driver shield
■ Reverse-voltage protection
■ Robust drivers: – Can survive input voltages up to 41 V – Undervoltage and overvoltage shutdown – High-side and low-side thermal shutdown – Short-to-ground and short-to-Vcc protection




Similar Part No. - EVAL-VNH5019-P2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-VNH5019-P1 STMICROELECTRONICS-EVAL-VNH5019-P1 Datasheet
94Kb / 3P
Current sense output proportional to motor current
21-May-2014
More results


Similar Description - EVAL-VNH5019-P2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
logo
Seiko Instruments Inc
S-13R1 SII-S-13R1 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
Reverse-current/voltage Protection
logo
Maxim Integrated Produc...
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
Reverse Supply Voltage Protection
Rev 1; 8/20
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
Reverse-Voltage Protection
Rev 0; 3/16
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com