Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVL185W-LEDTV Datasheet (PDF) - STMicroelectronics

EVL185W-LEDTV Datasheet PDF - STMicroelectronics
Part # EVL185W-LEDTV
Download  EVL185W-LEDTV Download
File Size   121.04 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

EVL185W-LEDTV Datasheet (PDF)

Go To PDF Page Download Datasheet
EVL185W-LEDTV Datasheet PDF - STMicroelectronics

Part # EVL185W-LEDTV
Download  EVL185W-LEDTV Click to download

File Size   121.04 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

EVL185W-LEDTV Datasheet (HTML) - STMicroelectronics


EVL185W-LEDTV Product details

Description
The EVL185W-LEDTV is a high-end demonstration board tailored to the specifications of a typical LED TV application. The peculiarities of this design are the very high average efficiency of about 90%, without synchronous rectification, and very low no load consumption of 100 mW at 230 Vac. The result is that this converter is compliant to the most demanding ENERGY STAR® eligibility criteria. The architecture is made up of two sections, based on a three-stage approach: a 10 W standby supply using the new VIPer27L, which delivers the 5 V standby dedicated to supplying the microprocessor and the logic circuitry, and a bigger section composed of a front-end PFC, using the new TM L6564 and an LLC resonant converter, using the L6599A, delivering three output voltages: 12 V dedicated to supplying the TV panel, 24 V to supplying the audio power amplifiers, and 130 V dedicated to the backlight. The PFC stage delivers 400 V constant voltage and acts as the pre-regulator for both the LLC stage and the standby supply. An external signal, referred to secondary ground, turns the PFC and the LLC stage on and off.

Features
■ Universal input mains range: 90÷264 Vac - frequency 45÷65 Hz
■ Output voltage 1: 130 V ±8 % at 620 mA for backlight
■ Output voltage 2: 24 V ±8 % at 2 A for audio supply
■ Output voltage 3: 12 V ±1 % at 4 A for panel supply
■ Output voltage 4: 5 V ±2 % at 2 A for microprocessor supply
■ Mains harmonics: acc. to EN61000-3-2 Class- D or JEITA-MITI Class-D
■ Standby mains consumption: <170 mW at 230 Vac with 50 mW load
■ Overall efficiency at full load: >90%
■ EMI: according to EN55022-Class-B
■ Safety: according to EN60065
■ Dimensions: 115x204 mm, 25 mm maximum component height from PCB
■ PCB: single side, 70 µm, CEM-1, mixed PTH/SMT introduction
■ RoHS compliant




Similar Part No. - EVL185W-LEDTV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVL1HMC1114LP5D AD-EVL1HMC1114LP5D Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
More results


Similar Description - EVL185W-LEDTV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com