Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7516IY Datasheet (PDF) - International Rectifier

EL7516IY Datasheet PDF - International Rectifier
Part # EL7516IY
Download  EL7516IY Download
File Size   303.03 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 600kHz/1.2MHz PWM Step-Up Regulator

EL7516IY Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7516IY Datasheet PDF - International Rectifier

Part # EL7516IY
Download  EL7516IY Click to download

File Size   303.03 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 600kHz/1.2MHz PWM Step-Up Regulator

EL7516IY Datasheet (HTML) - International Rectifier


EL7516IY Product details

The EL7516 is a high frequency, high efficiency step-up voltage regulator operated at constant frequency PWM mode. With an internal 1.5A, 200mΩ MOSFET, it can deliver up to 600mA output current at over 90% efficiency. The selectable 600kHz and 1.2MHz allows smaller inductors and faster transient response. An external compensation pin gives the user greater flexibility in setting frequency compensation allowing the use of low ESR Ceramic output capacitors.

Features
• > 90% efficiency
• 1.6A, 200mΩ power MOSFET
• VIN > 2.5V
• 600kHz/1.2MHz switching frequency selection
• Adjustable soft-start
• Internal thermal protection
• 1.1mm max height 8-pin MSOP package
• Pb-free available (RoHS compliant)

Applications
• TFT-LCD displays
• DSL modems
• PCMCIA cards
• Digital cameras
• GSM/CDMA phones
• Portable equipment
• Handheld devices




Similar Part No. - EL7516IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
381Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
March 4, 2005
EL7516IY INTERSIL-EL7516IY Datasheet
299Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
April 5, 2006
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516IY RENESAS-EL7516IY Datasheet
580Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
More results


Similar Description - EL7516IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
March 4, 2005
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
April 5, 2006
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
March 16, 2007
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
August 27, 2010
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com