Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2525 Datasheet (PDF) - Vishay Siliconix

DG2525 Datasheet PDF - Vishay Siliconix
Part # DG2525
Download  DG2525 Download
File Size   180.78 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch

DG2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2525 Datasheet PDF - Vishay Siliconix

Part # DG2525
Download  DG2525 Click to download

File Size   180.78 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch

DG2525 Datasheet (HTML) - Vishay Siliconix


DG2525 Product details

• 1.8 V to 5.5 V single supply operation
• Low resistance: 0.4 Ω/typ. at 2.7 V
• Highly flat and matched RON
• Low parasitic capacitance,
CON = 26 pF, COFF = 14.5 pF
• Switch off leakage: 5 pA at V+ = 3.3 V, 40 pA at V+ = 5.5 V
• High bandwidth: 310 MHz
• -100 dB THD + N at 1 kHz, 0.9 VRMS, RLOAD = 32 Ω
• Guaranteed logic high 1.2 V, logic low 0.3 V
• Break before make switching
• Signal swing over V+ capable
• Power down protection
• Latch up current: 300 mA (JESD78)
• ESD / HBM: > 6 kV




Similar Part No. - DG2525

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2525 VISHAY-DG2525 Datasheet
181Kb / 11P
0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Aug-16
DG2525DN-T1-GE4 VISHAY-DG2525DN-T1-GE4 Datasheet
181Kb / 11P
0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Aug-16
DG2525 VISHAY-DG2525_V01 Datasheet
181Kb / 11P
0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Aug-16
More results


Similar Description - DG2525

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Aug-03
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
72342 VISHAY-72342 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2788A VISHAY-DG2788A Datasheet
184Kb / 10P
Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
12-Sep-16
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
17-Oct-16
DGQ2788A VISHAY-DGQ2788A_V01 Datasheet
241Kb / 10P
Automotive 125 °C Analog Switch Dual DPDT / Quad SPDT, 0.37 Ω, 338 MHz Bandwidth
29-Apr-2019
DG2525 VISHAY-DG2525_V01 Datasheet
181Kb / 11P
0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Aug-16
DG2788A VISHAY-DG2788A_V01 Datasheet
235Kb / 10P
0.37 Ω, Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
29-Apr-2019
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com