Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-NUCLEO-IHM001 Datasheet (PDF) - STMicroelectronics

P-NUCLEO-IHM001 Datasheet PDF - STMicroelectronics
Part # P-NUCLEO-IHM001
Download  P-NUCLEO-IHM001 Download
File Size   685.2 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Full support for sensorless and sensor mode

P-NUCLEO-IHM001 Datasheet (PDF)

Go To PDF Page Download Datasheet
P-NUCLEO-IHM001 Datasheet PDF - STMicroelectronics

Part # P-NUCLEO-IHM001
Download  P-NUCLEO-IHM001 Click to download

File Size   685.2 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Full support for sensorless and sensor mode

P-NUCLEO-IHM001 Datasheet (HTML) - STMicroelectronics


P-NUCLEO-IHM001 Product details

Features
■ X-NUCLEO-IHM07M1: – Three-phase driver board for BLDC/PMSM motors based on L6230 – Nominal operating voltage range from 8 V to 48 V DC – 2.8 A output peak current (1.4 A RMS) – Non-dissipative overcurrent detection and protection – Full compatible with ST 6-step or ST-FOC-control algorithm – Full support for sensorless and sensor mode – 3-Shunt and 1-Shunt configurable jumpers for motor current sensing – Hall encoder motor sensor connector and circuit – Potentiometer available for speed regulation – Compatible with STM32 Nucleo boards – Equipped with ST morpho connectors
■ NUCLEO-F302R8: – STM32F302R8 32-bit Microcontroller based on ARM® Cortex®-M4 core (72 MHz max) with 64-Kbyte Flash memory and 16- Kbyte SRAM – Two types of extension resources: Arduino™ UNO Revision 3 connectivity and ST morpho extension pin headers for full access to all STM32 I/Os – Mbed-enabled (http://mbed.org) – On-board ST-LINK/V2-1 debugger/programmer with SWD connector: selection-mode switch to use the kit as a standalone ST-LINK/V2-1 – Two push-buttons: USER and RESET
■ Three-phase motor: – Bull-Running model BR2804-1700 kV – Nominal voltage 11.1 V DC (battery up to 3 S) 1. Pictures not contractual. – Maximum DC current: 5 A – Seven pole pairs
■ DC power supply: – Nominal output voltage: 12 V DC – Maximum output current: 2 A – Nominal input voltage: 100-240 V AC – Nominal frequency: 50/60 Hz




Similar Part No. - P-NUCLEO-IHM001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-NUCLEO-IHM001 ETC2-P-NUCLEO-IHM001 Datasheet
633Kb / 4P
STM32 Nucleo Pack FOC and 6-step motor control platform
More results


Similar Description - P-NUCLEO-IHM001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
15-Mar-2004
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
06-Mar-2006
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
06-Mar-2006
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
3-Phase Full-Wave PWM Driver for Sensorless DC Motors
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
Full USB Compliance and USB-OTG Support
logo
Xilinx, Inc
XA2C32A XILINX-XA2C32A Datasheet
325Kb / 14P
AEC-Q100 device qualification and full PPAP support
XA2C128 XILINX-XA2C128 Datasheet
372Kb / 16P
AEC-Q100 device qualification and full PPAP support
XA2C256 XILINX-XA2C256 Datasheet
400Kb / 19P
AEC-Q100 device qualification and full PPAP support
logo
Toshiba Semiconductor
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
3-Phase Full-Wave PWM Driver for Sensorless DC Motors
15-Sep-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com