Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64AVB144 Datasheet (PDF) - STMicroelectronics

SPC563M64AVB144 Datasheet PDF - STMicroelectronics
Part # SPC563M64AVB144
Download  SPC563M64AVB144 Download
File Size   61.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Allows system calibration regardless of availability of standard MCU external bus

SPC563M64AVB144 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC563M64AVB144 Datasheet PDF - STMicroelectronics

Part # SPC563M64AVB144
Download  SPC563M64AVB144 Click to download

File Size   61.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Allows system calibration regardless of availability of standard MCU external bus

SPC563M64AVB144 Datasheet (HTML) - STMicroelectronics


SPC563M64AVB144 Product details

Description
The Vertical Adapter is designed to substitute the device on an ECU version used during engine calibration. All VertiCal hardware is designed to support a standardized tool connector, allowing a variety of calibration and debug hardware to be connected and reused. VertiCal components are available to support a wide range of SPC563M64 devices in various

Features
■ Support for LQFP144 and LQFP176 MCU production packages allowing calibration systems to be built without requiring modifications to the standard production system housing
■ VertiCal interconnect standard supported by multiple calibration tool developers, ensuring maximum flexibility in tool choice.
■ On-board latch providing a 16-bit de- multiplexed bus interface from the SPC563M64 16-bit multiplexed calibration interface.
■ Support for Nexus-based debug tools even if application PCB does not include Nexus connector.
■ Nexus functionality with 12 Message Data Out (MDO) signals.
■ Support for full-feature calibration tools, via availability of comprehensive set of device signals available on VertiCal connector.
■ Allows system calibration without impacting standard MCU I/O resources.
■ Allows system calibration regardless of availability of standard MCU external bus.
■ Specifications: – Board Size 30 x 40.5mm – Target connector compatible with TQPACK144SD and TQPACK176SD sockets




Similar Part No. - SPC563M64AVB144

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
More results


Similar Description - SPC563M64AVB144

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
List of Unclassifed Man...
FCC-1A ETC2-FCC-1A Datasheet
69Kb / 1P
This system allows the secure and neat fixing of between 1 and 25 ribbon cables.
logo
Integrated Circuit Syst...
9DB233 ICST-9DB233 Datasheet
211Kb / 17P
SMBus Interface; allows control of PLL BW and Mode
REV E 021914
9DBV0731 ICST-9DBV0731 Datasheet
205Kb / 16P
Spread Spectrum tolerant; allows reduction of EMI
logo
Holt Integrated Circuit...
HI-3000 HOLTIC-HI-3000 Datasheet
87Kb / 13P
High impedance allows connection of up to 120 nodes
logo
Xilinx, Inc
VIRTEX-4 XILINX-VIRTEX-4 Datasheet
194Kb / 9P
Allows selection of one or both Ethernet MACs
logo
STMicroelectronics
SPC563MXX STMICROELECTRONICS-SPC563MXX Datasheet
421Kb / 48P
Calibration external bus interface
17-Sep-2013
logo
Aries Electronics, Inc.
XX-666000-00 ARIES-XX-666000-00 Datasheet
501Kb / 1P
Allows the use of a narrow package IC in place of a wide one
logo
PUI audio inc.
POM-5038P-C3310-R PUIAUDIO-POM-5038P-C3310-R Datasheet
367Kb / 6P
Circular polar pattern to capture all sounds equally well regardless of placement
logo
Murata Manufacturing Co...
TZV2Z100A110B00 MURATA1-TZV2Z100A110B00_V01 Datasheet
272Kb / 3P
Small size with external dimensions of
Last updated06/17/2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com