Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3914 Datasheet (PDF) - STMicroelectronics

ST25R3914 Datasheet PDF - STMicroelectronics
Part # ST25R3914
Download  ST25R3914 Download
File Size   64.36 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Capacitive sensing - Wake-up

ST25R3914 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25R3914 Datasheet PDF - STMicroelectronics

Part # ST25R3914
Download  ST25R3914 Click to download

File Size   64.36 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Capacitive sensing - Wake-up

ST25R3914 Datasheet (HTML) - STMicroelectronics


ST25R3914 Product details

Description
The ST25R3914/5 are highly integrated NFC Initiators / HF Reader ICs for automotive applications, AEC-Q100 grade 1 qualified, including the analog front end (AFE) and a highly integrated data framing system for ISO 18092 (NFCIP-1) initiator, ISO 18092 (NFCIP-1) active target, ISO 14443A and B reader (including high bit rates) and FeliCa™ reader. Implementation of other standard and custom protocols like MIFARE™ Classic is possible using the AFE and implementing framing in the external microcontroller (Stream and Transparent modes). The ST25R3914/5 are positioned perfectly for the infrastructure side of the NFC system, where users need optimal RF performance and flexibility combined with low power. Thanks to Automatic Antenna Tuning technology, the devices are optimized for applications with directly driven antennas. The ST25R3914/5 are alone in the domain of HF reader ICs as they contain two differential low impedance (1 Ohm) antenna drivers. The ST25R3914/5 include several features that make them very suited for low power applications. They contain a low power capacitive sensor that can be used to detect the presence of a card without switching on the reader field. The presence of a card can also be detected by performing a measurement of amplitude or phase of signal on antenna LC tank, and comparing it to the stored reference. They also contain a low power RC oscillator and wake-up timer that can be used to wake up the system after a defined time period, and to check for the presence of a tag using one or more low power detection techniques (capacitive, phase or amplitude). The ST25R3914/5 are designed to operate from a wide (2.4 V to 5.5 V) power supply range; peripheral interface IO pins support power supply range from 1.65 V to 5.5 V. QFN32

Features
■ AEC-Q100 qualified
■ ISO 18092 (NFCIP-1) Active P2P
■ ISO14443A, ISO14443B and FeliCa™
■ Support HBR up to 848 kbit/s PICC to PCD and PCD to PICC framing
■ Capacitive sensing - Wake-up
■ Automatic antenna tuning system providing tuning of antenna LC tank (ST25R3914 only)
■ Automatic modulation index adjustment
■ AM and PM (I/Q) demodulator channels with automatic selection
■ Up to 1 W in case of differential output
■ User selectable and automatic gain control
■ Transparent and Stream modes to implement MIFARE™ Classic compliant or other custom protocols
■ Possibility of driving two antennas in single ended mode
■ Oscillator input capable of operating with 13.56 MHz or 27.12 MHz crystal with fast start-up
■ 6 Mbit/s SPI with 96 bytes FIFO
■ Wide supply voltage range from 2.4 V to 5.5 V
■ Wide temperature range: -40 °C to 125 °C
■ QFN32, 5 mm x 5 mm package




Similar Part No. - ST25R3914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3914 STMICROELECTRONICS-ST25R3914 Datasheet
172Kb / 3P
Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
25-Jun-2019
ST25R3914 STMICROELECTRONICS-ST25R3914_V01 Datasheet
172Kb / 3P
Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
25-Jun-2019
More results


Similar Description - ST25R3914

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
Capacitive Touch Sensing ICs
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
Wake-up Interrupt Controller
EFM32G222 SILABS-EFM32G222 Datasheet
1Mb / 68P
Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
Wake-up Interrupt Controller
EFM32G232 SILABS-EFM32G232 Datasheet
1Mb / 69P
Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
Wake-up Interrupt Controller
logo
Microchip Technology
DM164125 MICROCHIP-DM164125 Datasheet
145Kb / 2P
Capacitive mTouch??Sensing Solutions
10/08
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
ICs for Capacitive Sensing Applications
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com