Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CBL003V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CBL003V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CBL003V1
Download  STEVAL-CBL003V1 Download
File Size   97.29 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LNB power supply demonstration board based on the LNBH23

STEVAL-CBL003V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CBL003V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CBL003V1
Download  STEVAL-CBL003V1 Click to download

File Size   97.29 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LNB power supply demonstration board based on the LNBH23

STEVAL-CBL003V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CBL003V1 Product details

Description
This demonstration board implements a DC-DC converter based on the LNBH23 device. It is used to power LNBs inside dish antennas to receive satellite TV signals. The LNBH23 is an integrated solution for supplying/interfacing satellite LNB modules in accordance with international standards This simple solution provides good performance at low cost using a low external component count. The LNBH23 demonstration board includes an I2C™ bus interface and the internal 22 kHz tone generator which is factory trimmed and can be controlled by the DSQIN pin (TTL compatible. This allows immediate DiSEqC™ data encoding. Thanks to a fully integrated step-up DC-DC converter, it functions with a single input voltage supply source ranging from 8 V to 15 V. STEVAL-CBL003V1

Features
■ Integrated DC-DC converter
■ Single input supply voltage: from 8 V to 15 V
■ I2C bus interface for the IC control and diagnostics
■ Integrated 22 kHz tone generator, factory trimmed in accordance with the standards that can be controlled by the DSQIN pin or I2C bus
■ User-friendly graphical interface ("LNBxxx control suite" software included in the kit)




Similar Part No. - STEVAL-CBL003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
19-Feb-2009
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
12-Aug-2010
More results


Similar Description - STEVAL-CBL003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
Dual LNB power supply based on the LNBH24L
25-Nov-2011
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
12-Aug-2010
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com