Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CBL015V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CBL015V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CBL015V1
Download  STEVAL-CBL015V1 Download
File Size   233.32 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single LNB supply and control IC DiSEqC 1.x compliant with DSQIN based on the LNBH29 in a QFN16 (4x4)

STEVAL-CBL015V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CBL015V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CBL015V1
Download  STEVAL-CBL015V1 Click to download

File Size   233.32 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single LNB supply and control IC DiSEqC 1.x compliant with DSQIN based on the LNBH29 in a QFN16 (4x4)

STEVAL-CBL015V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CBL015V1 Product details

Description
This product evaluation board implements a DCDC converter based on the LNBH29 device used to power LNB inside dish antennas which receive satellite TV signals. The LNBH29 is an integrated solution for supplying/interfacing satellite LNB modules in accordance with international standards, offering a complete solution for singletuner satellite receivers and good performance at low cost using few external components. The LNBH29 evaluation board includes an I2C bus interface and the internal 22 kHz tone generator (factory trimmed) is controlled by the DSQIN pin (TTL compatible), permitting immediate DiSEqC™ data encoding. A fully integrated stepup DC-DC converter allows operation with a single input voltage supply source ranging from 8 V to 17.5 V. January 2014 DocID025829 Rev 1 1/4 For further information contact your local STMicroelectronics sales office

Features
■ Complete interface between LNB and I²C bus
■ Built-in DC-DC converter for single 12 V supply operation and high efficiency (typ. 93% @ 0.5 A)
■ Selectable output current limit using an external resistor
■ Compliant with main satellite receiver output voltage specifications (6 programmable levels)
■ Accurate built-in 22 kHz tone generator suits widely-accepted standards
■ 22 kHz tone waveform integrity guaranteed also at no load
■ Low-drop post regulator and high-efficiency step-up PWM with integrated power N-MOS allowing low power losses
■ Overload and overtemperature internal protection with I²C diagnostic bits
■ LNB short-circuit dynamic protection
■ RoHS compliant




Similar Part No. - STEVAL-CBL015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBL010V1 STMICROELECTRONICS-STEVAL-CBL010V1 Datasheet
113Kb / 4P
Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
April 2014 Rev 1
STEVAL-CBL011V1 STMICROELECTRONICS-STEVAL-CBL011V1 Datasheet
150Kb / 4P
DiSEqC 1.X-compliant dual LNB supply and control IC based on the LNBH26
February 2013 Rev 1
STEVAL-CBL012V1 STMICROELECTRONICS-STEVAL-CBL012V1 Datasheet
190Kb / 4P
LNB short-circuit dynamic protection
January 2014 Rev 1
STEVAL-CBL013V1 STMICROELECTRONICS-STEVAL-CBL013V1 Datasheet
190Kb / 4P
Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L
28-Jan-2014
STEVAL-CBL014V1 STMICROELECTRONICS-STEVAL-CBL014V1 Datasheet
176Kb / 4P
Dual LNB supply and control IC DiSeqC 1.x compliant based on the LNBH26L
27-Jan-2014
More results


Similar Description - STEVAL-CBL015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN3115 STMICROELECTRONICS-AN3115 Datasheet
875Kb / 28P
LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
28-Jan-2011
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
Dual LNB power supply based on the LNBH24L
25-Nov-2011
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
LNB supply and control IC with step-up and IC interface
24-Mar-2015
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
12-Aug-2010
STEVAL-CBL009V1 STMICROELECTRONICS-STEVAL-CBL009V1 Datasheet
151Kb / 4P
DiSEqC 1.X-compliant single LNB supply and control IC based on the LNBH25
February 2013 Rev 1
STEVAL-CBL010V1 STMICROELECTRONICS-STEVAL-CBL010V1 Datasheet
113Kb / 4P
Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
April 2014 Rev 1
STEVAL-CBL011V1 STMICROELECTRONICS-STEVAL-CBL011V1 Datasheet
150Kb / 4P
DiSEqC 1.X-compliant dual LNB supply and control IC based on the LNBH26
February 2013 Rev 1
STEVAL-CBL013V1 STMICROELECTRONICS-STEVAL-CBL013V1 Datasheet
190Kb / 4P
Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L
28-Jan-2014
STEVAL-CBL014V1 STMICROELECTRONICS-STEVAL-CBL014V1 Datasheet
176Kb / 4P
Dual LNB supply and control IC DiSeqC 1.x compliant based on the LNBH26L
27-Jan-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com