Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTOUTC1065 Datasheet (PDF) - Teledyne Technologies Incorporated

UTOUTC1065 Datasheet PDF - Teledyne Technologies Incorporated
Part # UTOUTC1065
Download  UTOUTC1065 Download
File Size   142.86 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description High Efficiency, Class A, 1 Watt Amplifier 10 to 1000 MHz

UTOUTC1065 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTOUTC1065 Datasheet PDF - Teledyne Technologies Incorporated

Part # UTOUTC1065
Download  UTOUTC1065 Click to download

File Size   142.86 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description High Efficiency, Class A, 1 Watt Amplifier 10 to 1000 MHz

UTOUTC1065 Datasheet (HTML) - Teledyne Technologies Incorporated




Similar Part No. - UTOUTC1065

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC1001 TELEDYNE-UTOUTC1001 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1005 TELEDYNE-UTOUTC1005 Datasheet
194Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1006 TELEDYNE-UTOUTC1006 Datasheet
174Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results


Similar Description - UTOUTC1065

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-C012 HITTITE-HMC-C012 Datasheet
826Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
logo
Tyco Electronics
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Hittite Microwave Corpo...
HMC-C012 HITTITE-HMC-C012_10 Datasheet
0Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
logo
API Delevan
QB-840 API-QB-840 Datasheet
505Kb / 2P
1 Watt Broadband Driver Amplifier 800 to 2200 MHz Class A Linear Design
logo
Teledyne Technologies I...
CTO0565 TELEDYNE-CTO0565 Datasheet
108Kb / 4P
High Efficiency, Class A, 1 Watt Amplifier 10 to 500 MHz
CTO1065 TELEDYNE-CTO1065 Datasheet
109Kb / 4P
High Efficiency, Class A, 1 Watt Amplifier 10 to 1000 MHz
UTOUTC0565 TELEDYNE-UTOUTC0565 Datasheet
134Kb / 4P
High Efficiency, Class A, 1 Watt Amplifier 10 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com