Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCA042V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CCA042V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CCA042V1
Download  STEVAL-CCA042V1 Download
File Size   107.46 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief

STEVAL-CCA042V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CCA042V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CCA042V1
Download  STEVAL-CCA042V1 Click to download

File Size   107.46 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief

STEVAL-CCA042V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CCA042V1 Product details

Description
The STEVAL-CCA042V1 demonstration board is designed for the TDA7491HV high-power dual BTL class-D audio amplifier. Thanks to its high efficiency, the device assembled in the PSSO36 (slug-down) package is capable of dissipating heat without a heatsink. Jumpers on the board allow configuration of the amplifier to verify all the features as single-ended or differential inputs, fixed gain settings. Microswitches are also provided to enable the standby and mute functions

Features
■ 20 W +20 W continuous output power at THD = 10%, RL = 8 Ω, VCC = 18 V
■ 9.5 W + 9.5 W continuous output power at THD = 10%, RL = 8 Ω, VCC = 12 V
■ Wide-range single-supply operation (5 - 18 V)
■ High efficiency (η = 90%)
■ Four selectable, fixed gain settings (20 dB, 26 dB, 30 dB and 32 dB)
■ Differential inputs to minimize common-mode noise
■ Filterless operation
■ Standby and mute features
■ Short-circuit and thermal overload protections
■ Externally synchronizable
■ RoHS compliant




Similar Part No. - STEVAL-CCA042V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA044V1 STMICROELECTRONICS-STEVAL-CCA044V1 Datasheet
93Kb / 4P
Standby and mute features
January 2013 Rev 1
STEVAL-CCA049V1 STMICROELECTRONICS-STEVAL-CCA049V1 Datasheet
209Kb / 4P
Automatic zero-detect mute
08-Nov-2012
More results


Similar Description - STEVAL-CCA042V1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
Dual 20 W BTL audio power amplifier
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
CCA028V1 STMICROELECTRONICS-CCA028V1 Datasheet
124Kb / 5P
10 W 10 W class-D audio amplifier demonstration board based on the TDA7491P
05-Oct-2011
CCA029V1 STMICROELECTRONICS-CCA029V1 Datasheet
334Kb / 4P
5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
13-Jun-2012
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
25-Oct-2012
CCA043V1 STMICROELECTRONICS-CCA043V1 Datasheet
103Kb / 5P
25 Watt mono BTL class-D audio amplifier demonstration board based on the TDA7491MV
25-Oct-2012
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
31-Jan-2013
AN4015 STMICROELECTRONICS-AN4015 Datasheet
2Mb / 22P
Dual-BTL class-D audio amplifier demonstration board
09-Jan-2012
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com