Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCM001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CCM001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CCM001V1
Download  STEVAL-CCM001V1 Download
File Size   252.13 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital photo frame demonstration board based on the STM32F103RB microcontroller

STEVAL-CCM001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CCM001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CCM001V1
Download  STEVAL-CCM001V1 Click to download

File Size   252.13 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital photo frame demonstration board based on the STM32F103RB microcontroller

STEVAL-CCM001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CCM001V1 Product details

Description
The STEVAL-CCM001V1 demonstration board is a standalone digital photo frame application designed using the STM32F103RB Cortex M3 microcontroller. The digital photo frame is used to display digital images in slideshow style. Unlike the static display of traditional photo frames, the images in the digital photo frame change automatically at regular intervals which are set by the user. The application is capable of managing JPEG decompression with the 20 KB of RAM in the STM32F103RB microprocessor. The FAT16 / FAT32 system library is used for reading JPEG images from the Micro SD card. The STEVAL-CCM001V1 can be powered by an external battery, as well as by a USB connector. STEVAL-CCM001V1

Features
■ 320 x 240 resolution TFT (2.4" diagonally) interfaced through SPI2
■ Micro SD card interfaced through SPI1
■ Mini USB type-B connector
■ On-board power supply for DPF
■ LED power indicator
■ Rechargeable battery circuit available
■ On-board JTAG connector for firmware upgrade and changes
■ Additional ESD protection device on USB
■ USB interface available for use of mass- storage devices
■ Supports both 2-axis and 3-axis MEMS, used for iPhone-like picture orientation
■ Push-button switches for reset and user switching
■ Joystick control




Similar Part No. - STEVAL-CCM001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
More results


Similar Description - STEVAL-CCM001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
16-bit PLC digital input card demonstration board based on the SCLT3
05-May-2009
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
Capacitive touch demonstration board based on the STMPE321
03-Jun-2011
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISF002V1 STMICROELECTRONICS-STEVAL-ISF002V1 Datasheet
171Kb / 4P
1.4 kW digital PFC demonstration board based on the STW23NM60N and TD352
26-Apr-2010
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com