Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G781 Datasheet (PDF) - List of Unclassifed Manufacturers

G781 Datasheet PDF - List of Unclassifed Manufacturers
Part # G781
Download  G781 Download
File Size   342.2 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface

G781 Datasheet (PDF)

Go To PDF Page Download Datasheet
G781 Datasheet PDF - List of Unclassifed Manufacturers

Part # G781
Download  G781 Click to download

File Size   342.2 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface

G781 Datasheet (HTML) - List of Unclassifed Manufacturers


G781 Product details

[Global Mixed-mode Technology]

General Description
The G781 is a precise digital thermometer that reports the temperature of both a remote sensor and its own package. The remote sensor is a diode-connected transistor typically a low-cost, easily mounted 2N3904 NPN type that replace conventional thermistors or thermo couples. Remote accuracy is ±1°C with no calibration needed. It also has a build-in noise filtering function in remote sensor measuring the diode temperature. The remote channel can also measure the die temperature of other ICs, such as microprocessors, that contain an on-chip, diode-connected transistor.

Features
■ Two Channels: Measures Both Remote and
   Local Temperatures
■ No Calibration Required
■ Built-in Noise-Buster for Remote Sensor
■ SMBus 2-Wire Serial Interface
■ Programmable Under/Overtemperature Alarms
■ Supports SMBus Alert Response
■ Accuracy:
   ±1°C (+60°C to +100°C, remote)
   ±3°C (+60°C to + 100°C, local)
■ 320µA (typ) Average Supply Current During Conversion
■ +3V to +5.5V Supply Range
■ Small 8-Lead SOP , MSOP and TDFN Package
■ Remote Temperature Measurment up to 160°C
   by using offset shifting method (see “Measure
   Remote Temperature Higher Than 127°C” section)

Applications
   Desktop and Notebook
   Central Office
   Computers
   Telecom Equipment
   Smart Battery Packs
   Test and Measurement
   LAN Servers
   Multi-Chip Modules
   Industrial Controllers




Similar Part No. - G781

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G781 GMT-G781 Datasheet
52Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G7811 GMT-G7811 Datasheet
41Kb / 1P
짹3C Local Temperature Sensor with SMBus Serial
More results


Similar Description - G781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com