Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1508 Datasheet (PDF) - Gennum Corporation

GS1508 Datasheet PDF - Gennum Corporation
Part # GS1508
Download  GS1508 Download
File Size   115.49 Kbytes
Page   8 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HDTV Cable Driver

GS1508 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1508 Datasheet PDF - Gennum Corporation

Part # GS1508
Download  GS1508 Click to download

File Size   115.49 Kbytes
Page   8 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HDTV Cable Driver

GS1508 Datasheet (HTML) - Gennum Corporation


GS1508 Product details

Description

The GS1508 is a first generation very high-speed bipolar integrated circuit designed to drive two 75Ω co-axial cables. The GS1508 is a SMPTE 292M compliant cable driver that directly interfaces with other Gennum HDTV devices and can also be used as a general purpose high-speed cable driver.

The GS1508 features two complementary outputs, with amplitudes controlled within a precise ±7% variation. The output amplitude can be varied by adjusting the RSET resistor value.

The serial inputs can be AC-coupled. The GS1508 is a low-power device that does not require external pull-down resistors. The GS1508 is packaged in an 8-pin SOIC, and operates from a single 5V power supply.



Features

• SMPTE 292M compliant

• Dual cable driving outputs optimized for driving data

   up to 1.485Gb/s

• ±7% tolerance output

• >17dB output return loss

• Minimum external components

• Seamless interface with the HD-LINX™ family of products

• Low-power

• Standard packaging

• Pb-free and Green



Applicatons

• 1.485Gb/s HDTV Serial Digital Receiver Interfaces for: Routers, Distribution Amplifiers, Switchers, and other transmitting equipment



 




Similar Part No. - GS1508

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1508 GENNUM-GS1508 Datasheet
780Kb / 14P
HDTV Cable Driver
GS1508-CKAE3 GENNUM-GS1508-CKAE3 Datasheet
780Kb / 14P
HDTV Cable Driver
GS1508-CTAE3 GENNUM-GS1508-CTAE3 Datasheet
780Kb / 14P
HDTV Cable Driver
logo
DAESAN ELECTRONIC CORP.
GS1508FL DAESAN-GS1508FL Datasheet
394Kb / 2P
STANDARD RECTIFIER
logo
Pan Jit International I...
GS1508FL-AU PANJIT-GS1508FL-AU Datasheet
545Kb / 5P
SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results


Similar Description - GS1508

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
Monolithic Triple Channel HDTV Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Faraday Technology
FPC150A075 FARADAY-FPC150A075 Datasheet
13Kb / 2P
HDTV CABLE CLONE
FFC010A075 FARADAY-FFC010A075 Datasheet
46Kb / 2P
HDTV CABLE CLONE
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
HDTV Filter
logo
Gennum Corporation
GS1508 GENNUM-GS1508_10 Datasheet
780Kb / 14P
HDTV Cable Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
HDTV Video Filter Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com