Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHM006V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IHM006V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHM006V1
Download  STEVAL-IHM006V1 Download
File Size   101.29 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC/AC chopper driver

STEVAL-IHM006V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHM006V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHM006V1
Download  STEVAL-IHM006V1 Click to download

File Size   101.29 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC/AC chopper driver

STEVAL-IHM006V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IHM006V1 Product details

Description
The AC-Chopper is an application which has been developed for voltage regulation in an AC motor or AC load up to 300W. When connected to a motor or AC load, it allows the user to demonstrate smooth, silent, and efficient regulation with respect to triac solutions. The main applications of this reference design are AC asynchronous mono-phase motors like refrigerators, hydraulic pumps, fans, lamps, etc. ST Components ■ ST7FLITE05 : 8-bit MCU with single voltage flash memory, data EEPROM, ADC, timers, SPI ■ STGP7NC60H : N-channel 14A - 600V very fast PowerMESH™ IGBT ■ VIPer12ADIP: low power off line SMPS primary switches ■ L78L05A: positive voltage regulator ■ STTH108 : High voltage ultrafast rectifier ■ STTH3R06 : Turbo 2 ultrafast high voltage rectifier STEVAL-IHM006V1

Features
■ AC to AC chopper drive
■ Motor type: asynchronous with capacitor
■ Input: 230Vac @ 50/60Hz
■ Motor voltage: 230Vac
■ Motor current: 1.5A




Similar Part No. - STEVAL-IHM006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM002V1 STMICROELECTRONICS-STEVAL-IHM002V1 Datasheet
104Kb / 4P
BLDC & AC motor control control board indart
02-Mar-2006
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
Inverter stage IGBT short circuit rugged based
19-Jul-2007
STEVAL-IHM004V1 STMICROELECTRONICS-STEVAL-IHM004V1 Datasheet
130Kb / 4P
BLDC & AC motor control Power driver board 1 KW
19-Jul-2007
STEVAL-IHM005V1 STMICROELECTRONICS-STEVAL-IHM005V1 Datasheet
101Kb / 4P
BLDC & AC Motor Control Power Driver Board 3KW
29-Nov-2005
STEVAL-IHM008V1 STMICROELECTRONICS-STEVAL-IHM008V1 Datasheet
218Kb / 4P
BLDC & AC motor control Power board SEMITOP®2 1kW
26-Jun-2006
More results


Similar Description - STEVAL-IHM006V1

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEGR8-1270KZ AIMTEC-AMEGR8-1270KZ Datasheet
247Kb / 2P
700mA | AC-DC LED driver
logo
Texas Instruments
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
AC-DC Offline LED Driver
logo
STMicroelectronics
AN2316 STMICROELECTRONICS-AN2316 Datasheet
440Kb / 24P
Improved ST7LITE05 AC Chopper Driver Solution
27-Mar-2006
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
96-Bit AC-PDP DRIVER
logo
MagnaChip Semiconductor...
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
High Voltage AC LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
AC-DC LED driver
logo
AiT Semiconductor Inc.
A9912 AITSEMI-A9912 Datasheet
371Kb / 10P
AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.1 - OCT 2013
A9913 AITSEMI-A9913 Datasheet
431Kb / 8P
AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.0 - NOV 2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com