Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHM043V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IHM043V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHM043V1
Download  STEVAL-IHM043V1 Download
File Size   176.11 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-IHM043V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHM043V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHM043V1
Download  STEVAL-IHM043V1 Click to download

File Size   176.11 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-IHM043V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IHM043V1 Product details

Description
The STEVAL-IHM043V1 demonstration board is a three-phase permanent magnet brushless motor driver designed to drive a motor using a sensorless 6-step commutation technique. The board can operate from a DC input voltage between 7 and 42 VDC and supply a continuous output current of 2 A to the motor. The circuit consists of three main blocks: The digital control block uses the STM32F051 microcontroller to implement the control algorithms, and generates the control signals for the power stage. The second block is the power stage, consisting of a three-phase inverter bridge implemented using the L6234 three-phase motor driver IC. The power supply block uses the ST78L33 linear regulator to provide the 3.3 V logic supply for the microcontroller.

Features
■ Input voltage range: 7 to 42 Vdc
■ Output current: 2 A (5 A peak)
■ Can operate up to 100% duty cycle
■ RoHS compliant




Similar Part No. - STEVAL-IHM043V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
More results


Similar Description - STEVAL-IHM043V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com