Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4069UB Datasheet (PDF) - STMicroelectronics

HCF4069UB Datasheet PDF - STMicroelectronics
Part # HCF4069UB
Download  HCF4069UB Download
File Size   143.75 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

HCF4069UB Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4069UB Datasheet PDF - STMicroelectronics

Part # HCF4069UB
Download  HCF4069UB Click to download

File Size   143.75 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

HCF4069UB Datasheet (HTML) - STMicroelectronics


HCF4069UB Product details

DESCRIPTION

The HCF4069UB is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. The HCF4069UB consists of six COS/MOS inverter circuits. This device is intended for all general purpose inverter applications where the medium power TTL-drive and logic level conversion capabilities of circuits such HCF4049B

HEX INVERTER/BUFFERS are not required.



■ MEDIUM-SPEED OPERATION

tPD = 30ns (Typ.) at 10V

■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS

■ QUIESCENT CURRENT SPECIFIED UP TO 20V

■ 5V, 10V AND 15V PARAMETRIC RATINGS

■ INPUT LEAKAGE CURRENT

II = 100nA (MAX) AT VDD = 18V TA = 25°C

■ 100% TESTED FOR QUIESCENT CURRENT

■ MEETS ALL REQUIREMENTS OF JEDEC JESD13B " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"




Similar Part No. - HCF4069UB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4069UB STMICROELECTRONICS-HCF4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UBC1 STMICROELECTRONICS-HCF4069UBC1 Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UBEY STMICROELECTRONICS-HCF4069UBEY Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UBM1 STMICROELECTRONICS-HCF4069UBM1 Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
More results


Similar Description - HCF4069UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com