Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1008-55PCN Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C1008-55PCN Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C1008-55PCN
Download  AS6C1008-55PCN Download
File Size   2747.93 Kbytes
Page   14 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 128K X 8 BIT LOW POWER CMOS SRAM

AS6C1008-55PCN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C1008-55PCN Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C1008-55PCN
Download  AS6C1008-55PCN Click to download

File Size   2747.93 Kbytes
Page   14 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 128K X 8 BIT LOW POWER CMOS SRAM

AS6C1008-55PCN Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C1008-55PCN Product details

GENERA L DESCRIPTION
The AS6C1008 is a 1,048,57 6-bit low power CMOS static random access memory organized as 131,072 words by 8 bits. It is fabricated using very high performance, high reliability CMO S technology. Its standby current is stable within the range of operating temperature.

FEATURES
■ Access time :55ns
■ Low power consumption:
    Operating current:10 mA (TYP.)
    Standby current: 1 µA (TYP.)
■ Single 2.7V ~ 5.5V power supply
■ Fully Compatible with all Competitors 5V product
■ Fully Compatible with all Competitors 3.3V product
■ Fully static operation
■ Tri-state output
■ Data retention voltage : 1.5V (MIN.)
■ All products are ROHS Compliant
■ Package : 32-pin 450 mil SOP
                    32-pin 600 mil P-DIP
                    32-pin 8mm x 20mm TSOP-I
                    32-pin 8mm x 13.4mm sTSOP
                    36-ball 6mm x 8mm TFBGA




Similar Part No. - AS6C1008-55PCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C1008-55SINL ALSC-AS6C1008-55SINL Datasheet
1Mb / 15P
128k x 8 BIT SUPER LOW POWER CMOS SRAM
AS6C1008-55STINL ALSC-AS6C1008-55STINL Datasheet
1Mb / 15P
128k x 8 BIT SUPER LOW POWER CMOS SRAM
AS6C1008-55TINL ALSC-AS6C1008-55TINL Datasheet
1Mb / 15P
128k x 8 BIT SUPER LOW POWER CMOS SRAM
More results


Similar Description - AS6C1008-55PCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
128K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com