Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C6264-55PCN Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C6264-55PCN Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C6264-55PCN
Download  AS6C6264-55PCN Download
File Size   871.05 Kbytes
Page   12 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 8K X 8 BIT LOW POWER CMOS SRAM

AS6C6264-55PCN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C6264-55PCN Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C6264-55PCN
Download  AS6C6264-55PCN Click to download

File Size   871.05 Kbytes
Page   12 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 8K X 8 BIT LOW POWER CMOS SRAM

AS6C6264-55PCN Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C6264-55PCN Product details

GENERAL DESCRIPTION

The AS6C6264 is a 65,536-bit low power CMOS static random access memory organized as 8,192 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.



FEATURES

Access time :55ns

Low power consumption:

  Operation current :

     15mA (TYP.), VCC= 3.0V

  Standby current :

     1µA (TYP.), VCC= 3.0V

Wide range power supply : 2.7 ~ 5.5V

Fully static operation

Tri-state output

Data retention voltage :1.5V (MIN.)

Fully Compatible with all Competitors 5V product

Fully Compatible with all Competitors 3.3V product

All inputs and outputs TTL compatible

All products ROHS Compliant

Package : 28-pin 600 mil PDIP

             28-pin 330 mil SOP

             28-pin 8mm x 13.4mm sTSOP

 




Similar Part No. - AS6C6264-55PCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
1Mb / 13P
8K X 8 BIT LOW POWER CMOS SRAM
July 2017, v2.0
More results


Similar Description - AS6C6264-55PCN

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
8K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com