Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILD003V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ILD003V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILD003V2
Download  STEVAL-ILD003V2 Download
File Size   120.65 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Operation for 2-wire wall dimmer

STEVAL-ILD003V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILD003V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILD003V2
Download  STEVAL-ILD003V2 Click to download

File Size   120.65 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Operation for 2-wire wall dimmer

STEVAL-ILD003V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ILD003V2 Product details

Description
The STEVAL-ILD003V2 demonstration board is designed to propose a low-cost analog dimmer topology using a sensitive SCR TS820-600FP. The dimmer can drive typical low-consumption lamps, particularly CFL and LED dimmable lamps. Through-hole technology is used for the most important components such as LC filter, gate resistor, turn-on delay capacitor, etc., in order to allow board modification, if needed. The STEVAL-ILD003V2 eliminates flickering thanks to its continuous current applied through the sensitive SCR gate. This dimmer could easily replace a standard low-cost analog Triac light dimmer using a Diac-controlled circuit. a. Higher power can be reached with a different filter inductor and a bigger SCR heatsink b. 200 W is the maximum allowed power without an SCR heatsink

Features
■ Operation for 2-wire wall dimmer
■ Leading-edge control (compatible with all lamps commonly found on the market)
■ Operation on 120 V line rms voltage (98 to 132 V) and 50 Hz or 60 Hz line frequency
■ Dimmable power range with halogen, CFL and LED lamps (with 27 °C/W heatsinks mounted on SCRs(a) (b): – 3 to 350 W for 110/120 V rms line
■ Maximum operating ambient temperature:60 °C
■ Power efficiency @ 350 W / 120 V > 98.5%
■ Standby losses @ 120 V < 0.3 W (could be reduced to 0 if potentiometer features a mechanical switch to open the circuit at minimum setting)
■ RoHS compliant Compliance with EMC standards
■ IEC 61000-4-4: criteria A for more than 4 kV




Similar Part No. - STEVAL-ILD003V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILD003V1 STMICROELECTRONICS-STEVAL-ILD003V1 Datasheet
268Kb / 4P
Analog wall dimmer for CFL/LED lamps based on the TS820 (EU version 220 V)
16-Mar-2012
More results


Similar Description - STEVAL-ILD003V2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35710 SII-S35710 Datasheet
1Mb / 33P
FOR AUTOMOTIVE 125C OPERATION 2-WIRE
logo
Allegro MicroSystems
A3260 ALLEGRO-A3260 Datasheet
859Kb / 10P
Internal Current Regulator for 2-Wire Operation
logo
Seiko Instruments Inc
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24CS01AH ABLIC-S-24CS01AH Datasheet
456Kb / 37P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com