Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL026V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL026V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL026V1
Download  STEVAL-ILL026V1 Download
File Size   145.84 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LED open circuit protection

STEVAL-ILL026V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL026V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL026V1
Download  STEVAL-ILL026V1 Click to download

File Size   145.84 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LED open circuit protection

STEVAL-ILL026V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL026V1 Product details

Description
The progress made in the field of LEDs is visible on an almost day-by-day basis. Many high power LEDs are currently on the market, such as 0.7 A and 1 A devices. However, the most commonly used LEDs are those with a current of 0.350 A. This demonstration board is designed for 350 mA LEDs and is capable of driving three 1 W LEDs in series with high-precision constant current (± 5% tolerance). The design is based on the VIPer22AE, which combines a dedicated current mode PWM controller with a high voltage power MOSFET on the same silicon chip. The internal control circuit offers a large input voltage range on the VDD pin, accommodates changes in auxiliary supply voltage, and supports automatic burst mode in low load conditions. The board also features protections against overtemperature, overcurrent and overvoltage conditions. STEVAL-ILL026V1

Features
■ Input voltage: 90 to 265 VRMS
■ Provides 350 mA constant current for LEDs
■ Capable of driving 3 x 1 W LEDs in series with high-precision constant current (± 5% tolerance)
■ Overtemperature protection
■ LED open circuit protection
■ LED short-circuit protection
■ 230 VAC input version with no electrolytic capacitor
■ EN55015 & EN6100-3-2 compliant
■ RoHS compliant




Similar Part No. - STEVAL-ILL026V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL020V1 STMICROELECTRONICS-STEVAL-ILL020V1 Datasheet
258Kb / 5P
LCD panels backlight demonstration board based on the LED7706
06-May-2009
STEVAL-ILL021V1 STMICROELECTRONICS-STEVAL-ILL021V1 Datasheet
257Kb / 5P
LCD panels backlight demonstration board based on the LED7707
06-May-2009
STEVAL-ILL025V1 STMICROELECTRONICS-STEVAL-ILL025V1 Datasheet
345Kb / 4P
RoHS compliant
11-Aug-2009
STEVAL-ILL028V1 STMICROELECTRONICS-STEVAL-ILL028V1 Datasheet
302Kb / 7P
RGB LED driver for color displays and backlighting based on the STP1612PW05 and STM32
16-Jun-2010
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
Front panel demonstration board based on the STLED325 and STM8S
23-Jun-2010
More results


Similar Description - STEVAL-ILL026V1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1100 ZETEX-ZXLD1100 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
logo
Monolithic Power System...
MP4690 MPS-MP4690 Datasheet
269Kb / 11P
Smart Bypass For LED Open Protection
logo
Silicon Touch Technolog...
DD313-4 SITI-DD313-4 Datasheet
564Kb / 15P
LED open circuit detection
logo
Unisonic Technologies
L4120G-AB5-R UTC-L4120G-AB5-R Datasheet
167Kb / 4P
LED open-circuit protection
logo
Rosenberger Hochfrequen...
51S12L-000S3 ROSENBERGER-51S12L-000S3 Datasheet
126Kb / 3P
Open Circuit
119S12L-000D3 ROSENBERGER-119S12L-000D3 Datasheet
583Kb / 3P
Open Circuit
08K12L-000S3 ROSENBERGER-08K12L-000S3 Datasheet
90Kb / 3P
Open Circuit
02K12L-000S3 ROSENBERGER-02K12L-000S3 Datasheet
542Kb / 3P
Open Circuit
logo
Monolithic Power System...
EV4690GSD-00A MPS-EV4690GSD-00A Datasheet
132Kb / 4P
Smart Bypass For LED Open Protection
logo
Shanghai Leiditech Elec...
SEDA LEIDITECH-SEDA Datasheet
567Kb / 3P
It is an open circuit protection device dedicated to LED circuits
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com