Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL039V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL039V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL039V2
Download  STEVAL-ILL039V2 Download
File Size   208.15 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dimming mode with external PWM signal

STEVAL-ILL039V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL039V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL039V2
Download  STEVAL-ILL039V2 Click to download

File Size   208.15 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dimming mode with external PWM signal

STEVAL-ILL039V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL039V2 Product details

Description
The purpose of the STEVAL-ILL039V2 demonstration board is to provide an example for applications of an LED driver using the step-up controller STLDC08. The STLDC08 is designed for handheld equipment supplied by AA or AAA batteries and provides a precise constant current starting from a variable input voltage source. The LED current is set by an external sense resistor inserted between the feedback pin (FB) and GND. A regulation loop holds the voltage drop at the sense resistor at a constant level (typ. 100 mV). STEVAL-ILL039V2

Features
■ Input voltage: 0.8 V to 3.6 V
■ Output: 4 LEDs at ILED = 300 mA
■ Dimming mode with external PWM signal
■ RoHS compliant




Similar Part No. - STEVAL-ILL039V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL039V1 STMICROELECTRONICS-STEVAL-ILL039V1 Datasheet
194Kb / 4P
Step-up current controller for 2 LEDs based on the STLDC08 driver
31-Oct-2011
More results


Similar Description - STEVAL-ILL039V2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
PWM dimming control
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8636 EXCELLIANCE-EM8636 Datasheet
260Kb / 12P
Green mode PWM with External Over Temperature Protection
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
CINCON ELECTRONICS Corp...
PDM CINCON-PDM Datasheet
222Kb / 2P
PWM Dimming Module
logo
Kinetic Technologies.
KTD3156 KINETIC-KTD3156 Datasheet
765Kb / 16P
6P10S LED Driver with PWM-Control Mixed-Mode Dimming
November 2015
KTD3156B KINETIC-KTD3156B Datasheet
609Kb / 16P
6P10S LED Driver with PWM-Control Mixed-Mode Dimming
April 2020 - Revision 04c
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com