Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C922 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
MM74C922 Datasheet PDF - National Semiconductor (TI)
Part # MM74C922
Download  MM74C922 Download
File Size   218.37 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 16, 20-Key Encoder

MM74C922 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74C922 Datasheet PDF - National Semiconductor (TI)

Part # MM74C922
Download  MM74C922 Click to download

File Size   218.37 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 16, 20-Key Encoder

MM74C922 Datasheet (HTML) - National Semiconductor (TI)


MM74C922 Product details

General Description

These CMOS key encoders provide all the necessary logic to fully encode an array of SPST switches. The keyboard scan can be implemented by either an external clock or external capacitor. These encoders also have on-chip pullup devices which permit switches with up to 50 kXon resistance to be used. No diodes in the switch array are needed to eliminate ghost switches.



Features

50 kXmaximum switch on resistance

On or off chip clock

On-chip row pull-up devices

2 key roll-over

Keybounce elimination with single capacitor

Last key register at outputs

TRI-STATE outpust LPTTL compatible

Wide supply range                              3V to 15V

Low power consumption




Similar Part No. - MM74C922

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
MM74C922N FAIRCHILD-MM74C922N Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
MM74C922N FAIRCHILD-MM74C922N Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922N FAIRCHILD-MM74C922N Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
MM74C922WM FAIRCHILD-MM74C922WM Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
More results


Similar Description - MM74C922

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
16 mm Incremental Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
GPIO ICs Series Key Encoder IC
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
16 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
16-BIT OPTO ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
2-key 1 encoder capacitive touch chip
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com