Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL069V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL069V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL069V1
Download  STEVAL-ILL069V1 Download
File Size   271.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Short circuit protection with auto restart

STEVAL-ILL069V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL069V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL069V1
Download  STEVAL-ILL069V1 Click to download

File Size   271.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Short circuit protection with auto restart

STEVAL-ILL069V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL069V1 Product details

Description
The STEVAL-ILL069V1 is designed to provide a stable and insulated 48 V voltage bus to supply secondary side circuitry (e.g., LED current generators) with a total output power of 35 W when a wide range of input voltages is applied at its input. An auxiliary 14 V output is also present to supply small circuitries which absorb a maximum current of 20 mA. A very high power factor is obtained thanks to the HVLED001's features, including management of protections for input voltage variations, excessive input voltages (overvoltage due to surges or bursts) and very low input voltages, thus improving the reliability of the application. The efficiency of the application is very high even at very low loads thanks to the improved frequency fold-back feature that simultaneously reduces the output voltage ripple at light loads. Output short circuit and overload protections feature auto-restart for safer operation in lighting environments. The board can operate with 305 Vrms input voltage replacing Q1 with STF5N95K5 Power MOSFET.




Similar Part No. - STEVAL-ILL069V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
Short circuit protection with auto restart
15-Sep-2016
More results


Similar Description - STEVAL-ILL069V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
Short circuit protection with auto restart
15-Sep-2016
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
STEVAL-ILL076V2 STMICROELECTRONICS-STEVAL-ILL076V2 Datasheet
335Kb / 7P
Short circuit protection with auto restart
13-Sep-2016
STEVAL-ISA057V1 STMICROELECTRONICS-STEVAL-ISA057V1 Datasheet
104Kb / 4P
Short-circuit protection based on auto-restart feature
12-Nov-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com