Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL073V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL073V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL073V1
Download  STEVAL-ILL073V1 Download
File Size   284.22 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complete hardware and software package

STEVAL-ILL073V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL073V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL073V1
Download  STEVAL-ILL073V1 Click to download

File Size   284.22 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complete hardware and software package

STEVAL-ILL073V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL073V1 Product details

Description
The STEVAL-ILL073V1 is a high brightness, RGB LED array driver system evaluation board with local dimming and diagnostics based on the ALED1642GW independent PWM LED driver controlled through an STM8A microcontroller SPI interface. A 16 RGB LED matrix is driven by three ALED1642GW LED drivers, one for each channel; i.e., Red, Green and Blue. The on-board A7986A DC-DC converter, accepting standard adapter input voltages, provides the voltages and power for the overall operation of the board. The STEVAL-ILL073V1 includes a USB-UART daughterboard bridge for communication with a PC. The evaluation board is also equipped with jumpers to simulate LED open circuit and LED short circuit faults, and a 4-pin SWIM connector to debug and to develop the STM8 microcontroller firmware. The STEVAL-ILL073V1 has two modes of operation: in standalone mode, the evaluation board is controlled via on-board buttons and a potentiometer; in GUI mode, a Graphical User Interface is provided to represent the drivers. When connected to PC, the evaluation board enters GUI mode and the GUI has control of the board.




Similar Part No. - STEVAL-ILL073V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL071V1 STMICROELECTRONICS-STEVAL-ILL071V1 Datasheet
899Kb / 6P
Periodic self-tuning possible
25-Mar-2015
STEVAL-ILL072V1 STMICROELECTRONICS-STEVAL-ILL072V1 Datasheet
246Kb / 4P
All automotive grade components
12-Jun-2015
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
Short circuit protection
10-Mar-2016
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
More results


Similar Description - STEVAL-ILL073V1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
Graphical Monitoring Software and Interface Hardware System
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
Hardware and Software Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
logo
STMicroelectronics
AN3245 STMICROELECTRONICS-AN3245 Datasheet
348Kb / 19P
A hardware and software guide for the STMPE1801 Xpander
03-Nov-2010
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
A hardware and software guide for the STMPE801
04-Nov-2010
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
Hardware and software guidelines for use of the LPS331AP
08-Nov-2012
AN4450 STMICROELECTRONICS-AN4450 Datasheet
586Kb / 26P
Hardware and software guidelines for use of LPS25H pressure sensor
29-Apr-2014
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
logo
PHOENIX CONTACT
5605861 PHOENIX-5605861 Datasheet
45Kb / 2P
Software package - VLC-IRF-RTM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com