Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IME012V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IME012V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IME012V1
Download  STEVAL-IME012V1 Download
File Size   263.86 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-channel outputs: high voltage and low voltage BNC connectors

STEVAL-IME012V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IME012V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IME012V1
Download  STEVAL-IME012V1 Click to download

File Size   263.86 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-channel outputs: high voltage and low voltage BNC connectors

STEVAL-IME012V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IME012V1 Product details

Description
The STEVAL-IME012V1 evaluation board is designed around the STHV749 4-channel, 7-level high voltage ultrasound pulser IC, a state-of-theart device designed for ultrasound imaging applications. The STEVAL-IME012V1 offers a simple way to evaluate the ultrasound pulser IC, thanks also to a graphical user interface (STSWIME011, available on www.st.com). Once the output waveforms are configured, they can be displayed directly on an oscilloscope by connecting the scope probe to the relative BNCs.




Similar Part No. - STEVAL-IME012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
06-Aug-2015
STEVAL-IME011V2 STMICROELECTRONICS-STEVAL-IME011V2 Datasheet
269Kb / 4P
USB connector to load own waveforms onto the board
04-Nov-2016
STEVAL-IME013V1 STMICROELECTRONICS-STEVAL-IME013V1 Datasheet
255Kb / 4P
USB connector to download stored waveforms
14-Apr-2016
More results


Similar Description - STEVAL-IME012V1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Emerson Network Power
NLP110 EMERSON-NETWORKPOWER-NLP110 Datasheet
1Mb / 4P
Provides low voltage outputs
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
06-Aug-2015
logo
MOSA ELECTRONICS
MS6712L MOSA-MS6712L Datasheet
663Kb / 14P
Low Cost 4 Stereo Inputs and 4-Channel Outputs
logo
Shenzhen Huazhimei Semi...
HM75XXHB HMSEMI-HM75XXHB Datasheet
1Mb / 12P
low voltage drop and low power high voltage regulators
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com