Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IPP001V2 Datasheet (PDF) - STMicroelectronics

STEVAL-IPP001V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-IPP001V2
Download  STEVAL-IPP001V2 Download
File Size   517.62 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complete solution for power line communication in metering applications

STEVAL-IPP001V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPP001V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-IPP001V2
Download  STEVAL-IPP001V2 Click to download

File Size   517.62 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complete solution for power line communication in metering applications

STEVAL-IPP001V2 Datasheet (HTML) - STMicroelectronics


STEVAL-IPP001V2 Product details

Description
The STEVAL-IPP001V2 demonstration board is based on the STM32F10xxx microcontroller, ST7580 PLM module and STPMC1 polyphase energy-metering IC. The STEVAL-IPP001V2 demonstration board implements a PLM smart-meter node which allows the public utility company to monitor energy consumption and other electrical parameters during one or more phases. The voltage, current, power, power factor, THD, active and reactive energy and other stored information can be shown on an LCD locally or sent to a PLM data concentrator through a power line communication network.

Features
■ Energy consumption measured by external metering board
■ Power line communication up to 28.8 kbps
■ LCD display to show electrical parameters of energy consumption
■ USB and RS232/IrDA connectivity
■ Optional ZigBee communication capability
■ Optional MEMS module support
■ Expansion capability for smartcard interface
■ RoHS compliant




Similar Part No. - STEVAL-IPP001V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPP002V1 STMICROELECTRONICS-STEVAL-IPP002V1 Datasheet
322Kb / 16P
Energy measurement by an external metrology board
24-Aug-2011
STEVAL-IPP003V1 STMICROELECTRONICS-STEVAL-IPP003V1 Datasheet
368Kb / 7P
General purpose xPSK power line communication module
13-Dec-2013
More results


Similar Description - STEVAL-IPP001V2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
Complete Raster Solution
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2516 SEMTECH-SC2516 Datasheet
263Kb / 15P
Complete Three-in-One DDR Power Solution With BF_CUT
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
TVS devices for power line communication applications
30-Jun-2014
logo
Texas Instruments
LM3533 TI1-LM3533_15 Datasheet
1Mb / 63P
Complete Lighting Power Solution for Smartphone Handsets
LM3633 TI1-LM3633 Datasheet
1Mb / 59P
Complete Lighting Power Solution for Smartphone Handsets
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com