Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IPT006V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IPT006V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IPT006V1
Download  STEVAL-IPT006V1 Download
File Size   212.62 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Board design allows standalone operation for basic tests

STEVAL-IPT006V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPT006V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IPT006V1
Download  STEVAL-IPT006V1 Click to download

File Size   212.62 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Board design allows standalone operation for basic tests

STEVAL-IPT006V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IPT006V1 Product details

Description
The ST8034xx interface devices are placed between the smartcard and the microcontroller to provide all supply, protection, detection and control functions, with a minimum of external components. The STEVAL-IPT006V1 product evaluation board allows easy demonstration and testing of these features. The board can also be used as a functional block for a complete application, as it is designed both for standalone operation or to be controlled by the microcontroller. The board is fully configurable to maintain flexibility for various use scenarios. It includes standard interfaces on both sides (smartcard connector, MCU interface connector) and easily accessed, labeled testpoints on all signals. The STEVAL-IPT006V1 product evaluation board addresses market segments including: POS, settop boxes, pay TV, identification, banking and tachographs.

Features
■ Smartcard connector for testing with a smartcard
■ Labeled testpoints provide accessibility to all the signals
■ Board design allows standalone operation for basic tests
■ Interface to an MCU block and simple board configurability allow full functioning in applications (i.e. set-top box)
■ Onboard 10 MHz crystal clock oscillator can be used to provide card clock in standalone operation
■ Card clock source selection switch allows selection between the onboard crystal oscillator as card clock source, or an external clock source provided by the microcontroller block through the MCU interface together with the data signals
■ Provides easy, flexible card supply voltage selection either by onboard configuration switches or remotely by the microcontroller
■ RoHS compliant




Similar Part No. - STEVAL-IPT006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
24-pin smartcard interface demonstration board based on the ST8034HN
01-Aug-2013
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
Smartcard connector for testing with a smartcard
10-Apr-2014
STEVAL-IPT007V1 STMICROELECTRONICS-STEVAL-IPT007V1 Datasheet
310Kb / 4P
Smartcard connector
23-May-2014
More results


Similar Description - STEVAL-IPT006V1

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-72421A EPSON-RTC-72421A Datasheet
75Kb / 1P
Built-in crystal unit allows adjustment-free efficient operation
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers Allows fl exible circuit design
logo
Varitronix internationa...
VI-201-DP-FC-S VARITRONIX-VI-201-DP-FC-S Datasheet
99Kb / 1P
Typical Environmental Tests & Mechanical Tests For LCD
logo
STMicroelectronics
AN3018 STMICROELECTRONICS-AN3018 Datasheet
197Kb / 24P
Developing self tests for SPC564Ax
17-Sep-2013
AN2036 STMICROELECTRONICS-AN2036 Datasheet
261Kb / 7P
Solderability Tests
08-Nov-2004
UM0911 STMICROELECTRONICS-UM0911 Datasheet
151Kb / 5P
This board allows functional demonstration and basic evaluation
17-Jan-2013
logo
TE Connectivity Ltd
20EHT1 TEC-20EHT1 Datasheet
308Kb / 2P
Low profile design allows for a space-saving design solution
logo
STMicroelectronics
53L0-SATEL-I1 STMICROELECTRONICS-53L0-SATEL-I1 Datasheet
200Kb / 4P
Allows basic gesture recognition use case
02-May-2016
logo
Maxim Integrated Produc...
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
MAX8643EVKIT MAXIM-MAX8643EVKIT Datasheet
215Kb / 6P
Allows All-Ceramic Capacitor Design
Rev 0; 10/06
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com