Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA022V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA022V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA022V1
Download  STEVAL-ISA022V1 Download
File Size   165.88 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Total maximum output power: 5.5 W

STEVAL-ISA022V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA022V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA022V1
Download  STEVAL-ISA022V1 Click to download

File Size   165.88 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Total maximum output power: 5.5 W

STEVAL-ISA022V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA022V1 Product details

Description
This evaluation board is a power supply solution based on an offline discontinuous current mode flyback converter with isolated input and output. The flyback topology fully exploits the current and voltage capability of the incorporated monolithic VIPer12A-E device when compared with a buckconverter based power supply. The VIPer12-E incorporates a PWM controller with a 60 kHz internal oscillator and a vertical Power MOSFET switch in an SO-8 package. STEVAL-ISA022V1

Features
■ Input voltage range: from 90 to 264 VAC
■ Input voltage frequency range: 50/60 Hz
■ Main output (regulated): 5 V/500 mA
■ Second output: 15 V/ 200 mA
■ Total maximum output power: 5.5 W




Similar Part No. - STEVAL-ISA022V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA025V1 STMICROELECTRONICS-STEVAL-ISA025V1 Datasheet
114Kb / 4P
Step-down DC-DC converter at 3.3 Vout/20 A and switching frequency of 400 kHz evaluation board based on L6730
27-Aug-2007
More results


Similar Description - STEVAL-ISA022V1

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXB100-24S12FLTJ ARTESYN-BXB100-24S12FLTJ Datasheet
613Kb / 3P
Total Power: 66 - 100 W
AYA01F05-L ARTESYN-AYA01F05-L Datasheet
454Kb / 3P
Total Power: 3 W
AXA06F18-L ARTESYN-AXA06F18-L Datasheet
514Kb / 2P
Total Power: 25 W
AXA02F18-L ARTESYN-AXA02F18-L Datasheet
415Kb / 2P
Total Power: 10 W
DS460SDC-3 ARTESYN-DS460SDC-3 Datasheet
727Kb / 5P
Total Output Power: 460 Watts
DS460S-3-002 ARTESYN-DS460S-3-002 Datasheet
1Mb / 5P
Total Output Power: 460 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
Total Power: Up to 4920 W
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
Total Power: Up to 1500 W
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
Total Power: 75 W
ERM10A72 ARTESYN-ERM10A72 Datasheet
442Kb / 2P
Total Power: 50 W
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com