Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA045V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA045V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA045V2
Download  STEVAL-ISA045V2 Download
File Size   97.82 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09

STEVAL-ISA045V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA045V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA045V2
Download  STEVAL-ISA045V2 Click to download

File Size   97.82 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09

STEVAL-ISA045V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA045V2 Product details

Description
This evaluation board, based on the ST1S09 family of synchronous step-down DC-DC converters, is optimized for powering all lowvoltage applications and, generally, replaces high current linear solutions when power dissipation may cause high heating of the application environment. It provides up to 2 A over an input voltage range of 2.7 V to 5.5 V. A high 1.5 MHz switching frequency allows the use of tiny surface-mount components and in addition to the resistor divider to set the output voltage value, an inductor and two capacitors are required. A low output ripple is guaranteed by the current mode PWM topology and by the use of low ESR surface-mount ceramic capacitors. The device is thermally protected and current limited to prevent damage due to accidental shortcircuit. The ST1S09 family is available in the DFN6 3x3

Features
■ Input voltage range: 2.7 V to 5.5 V
■ Output voltage: 3.3 V
■ Max Iout: 2 A
■ High internal switching frequency: 1.5 MHz
■ Short-circuit protection
■ ST1S09 in the DFN6 3x3 package




Similar Part No. - STEVAL-ISA045V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA045V1 STMICROELECTRONICS-STEVAL-ISA045V1 Datasheet
104Kb / 4P
2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
More results


Similar Description - STEVAL-ISA045V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA045V1 STMICROELECTRONICS-STEVAL-ISA045V1 Datasheet
104Kb / 4P
2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
STEVAL-ISA046V2 STMICROELECTRONICS-STEVAL-ISA046V2 Datasheet
92Kb / 4P
2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
03-Mar-2008
STEVAL-ISA055V2 STMICROELECTRONICS-STEVAL-ISA055V2 Datasheet
75Kb / 4P
0.7 A / 3.3 V synchronous buck converter with enable function based on the ST1S12XX
18-Sep-2008
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
AN2603 STMICROELECTRONICS-AN2603 Datasheet
721Kb / 23P
ST1S09 high efficiency synchronous buck converter
23-Feb-2011
STEVAL-ISA046V1 STMICROELECTRONICS-STEVAL-ISA046V1 Datasheet
80Kb / 4P
2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
03-Mar-2008
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com