Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA051V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA051V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA051V2
Download  STEVAL-ISA051V2 Download
File Size   131.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Latched OVP, UVP and thermal shutdown

STEVAL-ISA051V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA051V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA051V2
Download  STEVAL-ISA051V2 Click to download

File Size   131.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Latched OVP, UVP and thermal shutdown

STEVAL-ISA051V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA051V2 Product details

Description
This evaluation board based on the PM6670AS device is a complete DDR2/3 power supply regulator for portable applications designed to meet JEDEC specifications. It integrates a constant on-time (COT) buck controller, a 2 Apk sink/source low dropout regulator and a 15 mA low noise buffered reference. The COT architecture assures fast transient response supporting both polymeric and ceramic output capacitors. An embedded integrator control loop compensates the DC voltage error due to the output ripple. The 2 Apk sink/source linear regulator provides the memory termination voltage with fast load transient response. The device is fully compliant with system sleep states S3 and S4/S5, providing LDO output high impedance in suspend-to-RAM and tracking discharge of all outputs in suspend-to-disk. STEVAL-ISA051V2

Features
■ 4.5 V to 36 V input voltage range
■ 0.9 V, ±1% voltage reference
■ 1.8 V (DDR2) or 1.5 V (DDR3) fixed output voltages
■ 0.9 V to 2.6 V adjustable output voltage
■ 1.237 V ±1% reference voltage available
■ Very fast load transient response using constant on-time loop control
■ No RSENSE current sensing using the RDS(on) of the low-side MOSFETs
■ Negative current limit
■ Latched OVP, UVP and thermal shutdown
■ Fixed 3 ms soft-start
■ Selectable pulse-skipping at light load
■ Selectable no-audible (33 kHz) pulse-skip mode
■ All ceramic output capacitors application supported
■ Output voltage ripple compensation




Similar Part No. - STEVAL-ISA051V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
11-Feb-2008
More results


Similar Description - STEVAL-ISA051V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
Thermal shutdown protection and diagnosis
18-Sep-2013
logo
Texas Instruments
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
Thermal Shutdown and Overcurrent Protection
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
Thermal shutdown indication
18-Jun-2015
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
Thermal shutdown
25-May-2016
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
Thermal shutdown
May 2015 Rev 2
PM6675A STMICROELECTRONICS-PM6675A Datasheet
265Kb / 15P
Latched OVP and UVP
11-Oct-2006
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TPS51385 TI1-TPS51385 Datasheet
1Mb / 27P
TPS51385 4.5-V to 24-V Input, 7-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes
AUGUST 2023
TPS51386 TI-TPS51386 Datasheet
1Mb / 27P
TPS51386 4.5-V to 24-V Input, 8-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes
AUGUST 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com