Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA053V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA053V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA053V2
Download  STEVAL-ISA053V2 Download
File Size   179.74 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Independent power good signals

STEVAL-ISA053V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA053V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA053V2
Download  STEVAL-ISA053V2 Click to download

File Size   179.74 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Independent power good signals

STEVAL-ISA053V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA053V2 Product details

Description
The PM6680A is a dual step-down controller with adjustable output voltages. This demonstration board is designed to test the performance of the PM6680A by employing a typical application circuit which allows testing of all the PM6680A device functions. The kit features two switching sections, with (typically) 3.3 V and 1.8 V outputs, from a 6 V to 36 V input voltage. The typical operating switching frequency of the two switching sections is 200 kHz / 300 kHz, respectively. Each switching section delivers more than 2.5 A of output current. Moreover, an internal linear regulator can provide 5 V @ 100 mA peak current. STEVAL-ISA053V2

Features
■ Constant on-time control allows very fast load transients
■ 6 V to 36 V input voltage range
■ 5 V auxiliary output voltage
■ Adjustable switching outputs
■ Lossless current sensing
■ Negative current limit
■ Soft-start internally fixed at 2.8 ms
■ Soft-end for output discharge
■ 200 kHz / 300 kHz, 300 kHz / 400 kHz, 400 kHz / 500 kHz (OUT1 / OUT2 selectable switching frequency)
■ Selectable pulse skip and no-audible skip modes at light loads
■ Independent power good signals




Similar Part No. - STEVAL-ISA053V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA053V1 STMICROELECTRONICS-STEVAL-ISA053V1 Datasheet
189Kb / 4P
Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
29-Sep-2008
More results


Similar Description - STEVAL-ISA053V2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
XP Power Limited
SDL400 XPPOWER-SDL400 Datasheet
731Kb / 4P
Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
Texas Instruments
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Richtek Technology Corp...
RT8130C RICHTEK-RT8130C Datasheet
257Kb / 18P
Power Good Indicator
logo
Artesyn Technologies
SIL60C2 ARTESYN-SIL60C2 Datasheet
770Kb / 3P
Power good output signal
logo
Dialog Semiconductor
SLG7NT4083 DIALOG-SLG7NT4083 Datasheet
327Kb / 9P
POWER GOOD DETECTOR
SLG7NT4192 DIALOG-SLG7NT4192 Datasheet
1Mb / 11P
Power Good Generator Logic
logo
Melexis Microelectronic...
EVB74190 MELEXIS-EVB74190 Datasheet
1Mb / 26P
2 High power independent drivers
logo
Renesas Technology Corp
SLG7NT4192V RENESAS-SLG7NT4192V Datasheet
1,011Kb / 11P
Power Good Generator Logic
February 25, 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com