Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA109V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA109V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA109V1
Download  STEVAL-ISA109V1 Download
File Size   78.21 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief

STEVAL-ISA109V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA109V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA109V1
Download  STEVAL-ISA109V1 Click to download

File Size   78.21 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief

STEVAL-ISA109V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA109V1 Product details

Description
The STEVAL-ISA109V1 is designed to aid in the
evaluation of the STBB2, a high efficiency buckboost DC-DC converter capable of providing
regulated output voltages in the range of 1.2 V to
5.5 V with an input voltage between 2.3 V and
5.5 V.
The board comes pre-mounted with the
adjustable version of the STBB2, with the output
voltage set to 3.3 V. For this version, the VSEL pin
must be connected to VIN.
The board can also demonstrate the performance
of the fixed version of the STBB2, by replacing R1
with a 0 Ω resistor and disconnecting R2

Features
■ Input voltage: from 2.3 V to 5.5 V
■ Output voltage: 3.3 V
■ Output current: 800 mA
■ Operating frequency: 3 MHz
■ RoHS compliant




Similar Part No. - STEVAL-ISA109V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA109V2 STMICROELECTRONICS-STEVAL-ISA109V2 Datasheet
249Kb / 4P
800 mA, 3 MHz, adjustable output high efficiency dual-mode buck-boost DC-DC converter based on the STBB2
16-Apr-2013
More results


Similar Description - STEVAL-ISA109V1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB2 STMICROELECTRONICS-STBB2 Datasheet
2Mb / 25P
800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
12-Feb-2014
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STEVAL-ISA109V2 STMICROELECTRONICS-STEVAL-ISA109V2 Datasheet
249Kb / 4P
800 mA, 3 MHz, adjustable output high efficiency dual-mode buck-boost DC-DC converter based on the STBB2
16-Apr-2013
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com