Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC2809080 Datasheet (PDF) - Vishay Siliconix

BFC2809080 Datasheet PDF - Vishay Siliconix
Part # BFC2809080
Download  BFC2809080 Download
File Size   112.01 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High temperature type

BFC2809080 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFC2809080 Datasheet PDF - Vishay Siliconix

Part # BFC2809080
Download  BFC2809080 Click to download

File Size   112.01 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High temperature type

BFC2809080 Datasheet (HTML) - Vishay Siliconix


BFC2809080 Product details

• High temperature type
• Housing dimensions:
10 mm x 11 mm x 11 mm
• For a basic grid of 2.54 mm
• Round head
• Top and bottom adjustment
• Mounting: radial




Similar Part No. - BFC2809080

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC280905 VISHAY-BFC280905 Datasheet
109Kb / 5P
Film Dielectric Trimmers
04-Aug-15
BFC280907 VISHAY-BFC280907 Datasheet
98Kb / 5P
Film Dielectric Trimmers
18-Oct-07
BFC2809070 VISHAY-BFC2809070 Datasheet
105Kb / 5P
Film Dielectric Trimmers
04-Aug-15
BFC2809090 VISHAY-BFC2809090 Datasheet
120Kb / 5P
Film Dielectric Trimmers
04-Aug-15
More results


Similar Description - BFC2809080

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1AQ36L SHARP-GP1AQ36L Datasheet
40Kb / 3P
High Temperature Operation Type OPIC Photointerrupter with Connector
logo
Nichicon corporation
UCJ1V221MCL1GS NICHICON-UCJ1V221MCL1GS Datasheet
43Kb / 1P
Chip Type, High Reliability. Low temperature ESR specification.
logo
Extech Instruments Corp...
TP400 EXTECH-TP400_15 Datasheet
155Kb / 1P
High Temperature Type K Pipe Clamp
logo
Nichicon corporation
UCH NICHICON-UCH_18 Datasheet
628Kb / 2P
Chip Type, High Reliability. Low temperature ESR specification
UCH NICHICON-UCH_17 Datasheet
1Mb / 1P
Chip Type, High Reliability. Low temperature ESR specification
PCH NICHICON-PCH Datasheet
1,016Kb / 2P
Chip Type, Higher Capacitance High Temperature Range
logo
Kycon, Inc.
KUSBVLPXHT KYCON-KUSBVLPXHT Datasheet
572Kb / 1P
Vertical, A Type, High Retention Force High Temperature USB
KUSBVXHT-HRF KYCON-KUSBVXHT-HRF Datasheet
3Mb / 1P
High Temperature Vertical USB Type B
logo
Taiyo Yuden (U.S.A.), I...
LIC1840RH3R8107 TAIYO-YUDEN-LIC1840RH3R8107 Datasheet
244Kb / 2P
Cylinder Type Lithium Ion Capacitor(High Temperature Resistance Type)[RH series]
logo
Carlo Gavazzi Holding A...
ECH3010PPAT-1 CARLOGAVAZZI-ECH3010PPAT-1 Datasheet
154Kb / 2P
Proximity Sensors Capacitive High Temperature Type ECH, M30
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com