Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISB018V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISB018V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISB018V1
Download  STEVAL-ISB018V1 Download
File Size   425.84 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for STCC5021 USB charging controller with attach detection

STEVAL-ISB018V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISB018V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISB018V1
Download  STEVAL-ISB018V1 Click to download

File Size   425.84 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for STCC5021 USB charging controller with attach detection

STEVAL-ISB018V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISB018V1 Product details

Description
This STEVAL-ISB018V1 system evaluation board allows the easy measurement of STCC5021 parameters and the evaluation of all its functions and operating modes.

Features
■ USB 2.0 SDP or CDP data pass-through with S3 remote wakeup support or automatic charging
■ Permanent USB 3.0 SuperSpeed data pass- through between input and output USB connector
■ CDP mode with charging indication after CDP negotiation
■ DCP modes with charging indication (BC1.2 mode, divider mode, auto-detect mode)
■ Attach and charging/end-of-charging detection and indication
■ Resistor-programmable precise current limiter and short-circuit protection
■ RoHS compliant




Similar Part No. - STEVAL-ISB018V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
15-Mar-2010
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
Battery monitoring system demonstration board based on the STC3105
23-Nov-2011
STEVAL-ISB013V1 STMICROELECTRONICS-STEVAL-ISB013V1 Datasheet
77Kb / 4P
Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
14-Nov-2011
STEVAL-ISB014V2 STMICROELECTRONICS-STEVAL-ISB014V2 Datasheet
214Kb / 4P
Battery monitor with alarm output for gas gauge applications based on the STC3115
01-Dec-2013
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
Evaluation board for STCC2540 USB charging controller
04-Mar-2014
More results


Similar Description - STEVAL-ISB018V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
USB Charging Port Controller and Detection Power Switch
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
logo
STMicroelectronics
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
Evaluation board for STCC2540 USB charging controller
04-Mar-2014
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com