Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISB038V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISB038V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISB038V1
Download  STEVAL-ISB038V1 Download
File Size   724.5 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 W wearable wireless power system based on STWBC-WA and STWLC04

STEVAL-ISB038V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISB038V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISB038V1
Download  STEVAL-ISB038V1 Click to download

File Size   724.5 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 W wearable wireless power system based on STWBC-WA and STWLC04

STEVAL-ISB038V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISB038V1 Product details

Description
The STEVAL-ISB038V1 is a wireless battery charger reference design evaluation kit designed for ultra-compact battery operated devices, such as wearable gear, smartwatches, Internet of Things sensors and healthcare devices. The design is optimized for 1-watt wireless power transfer with a half-bridge topology on the transmitter side and with tiny 11 mm and 20 mm coils on the receiver and transmitter sides, respectively. For power transfers up to 3 watts, the design can be modified by using larger coils and a full-bridge configuration on the transmitter. The STWBC-WA transmitter can support a costeffective half-bridge topology (full-bridge optional) and a powerful software API lets you modify the behavior of LED and general purpose IOs as well as connecting external peripherals or devices like sensors to the design via the on-chip I²C and UART ports. The STWLC04 is designed for 1-watt power transfer based on the Qi protocol, with digital control and precise analog control loops ensuring stable operation. The I²C interface allows a high degree of customization and settings can be stored in the embedded non-volatile memory.

Features
■ Wearable KIT characteristics: − 11 mm coil on Receiver − 20 mm coil on Transmitter − 1 Watt delivered on Receiver side − USB 5 V input − Foreign Object Detection (FOD) optional − Graphical interface for monitoring behavior − Total reference design − RoHS compliant
■ STWBC-WA Wireless power transmitter: − Cost effective Half Bridge topology with integrated drivers − Optional Full Bridge configuration for 3 W applications − Active presence detector − 2-layer PCB to facilitate design − Turnkey solution or customizable via APIs − Parametric customization via Graphical interface
■ STWLC04 wireless power receiver: − Output voltage: 5 V regulated voltage − Integrated high efficiency synchronous rectifier − Li-Ion/Li-Pol charger functionality − 4-layer PCB to facilitate design




Similar Part No. - STEVAL-ISB038V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB038V1R STMICROELECTRONICS-STEVAL-ISB038V1R Datasheet
767Kb / 6P
1 W Wearable wireless charger receiver based on STWLC04
21-Nov-2016
STEVAL-ISB038V1T STMICROELECTRONICS-STEVAL-ISB038V1T Datasheet
1Mb / 7P
1 W wearable wireless power transmitter based on STWBC-WA
21-Nov-2016
More results


Similar Description - STEVAL-ISB038V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
Powerful Wireless Microcontroller System-On-Chip
logo
STMicroelectronics
STWLC04 STMICROELECTRONICS-STWLC04 Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB038V1R STMICROELECTRONICS-STEVAL-ISB038V1R Datasheet
767Kb / 6P
1 W Wearable wireless charger receiver based on STWLC04
21-Nov-2016
STEVAL-ISB038V1T STMICROELECTRONICS-STEVAL-ISB038V1T Datasheet
1Mb / 7P
1 W wearable wireless power transmitter based on STWBC-WA
21-Nov-2016
STEVAL-ISB039V1 STMICROELECTRONICS-STEVAL-ISB039V1 Datasheet
562Kb / 7P
1 W wireless charger system Tx/Rx based on STM32F0 and STWLC03
15-Sep-2016
STEVAL-ISB039V1T STMICROELECTRONICS-STEVAL-ISB039V1T Datasheet
394Kb / 6P
1 W Wireless power transmitter based on STM32F0
05-Aug-2016
logo
Dialog Semiconductor
SLG7NT41502 DIALOG-SLG7NT41502 Datasheet
666Kb / 10P
CURIE BASED WEARABLE
logo
STMicroelectronics
EVALSTWBC-EP STMICROELECTRONICS-EVALSTWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
logo
Renesas Technology Corp
SLG7NT41502V RENESAS-SLG7NT41502V Datasheet
832Kb / 10P
CURIE BASED WEARABLE
February 25, 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com