Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1684 Datasheet (PDF) - Microsemi Corporation

LX1684 Datasheet PDF - Microsemi Corporation
Part # LX1684
Download  LX1684 Download
File Size   294.4 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Voltage-Mode PWM Controller

LX1684 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1684 Datasheet PDF - Microsemi Corporation

Part # LX1684
Download  LX1684 Click to download

File Size   294.4 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Voltage-Mode PWM Controller

LX1684 Datasheet (HTML) - Microsemi Corporation


LX1684 Product details

DESCRIPTION
The LX1684 is a monolithic, voltage mode pulse-width modulator controller. It is designed to implement a flexible, low cost buck (step-down) regulator supply with a minimal of external components.

KEY FEATURES
▪ Fixed 175kHz Switching Frequency
▪ Constant Frequency Voltage
   Mode Control Requires No External Compensation
▪ Hiccup-Mode Over-Current Protection
▪ High Efficiency
▪ Output Voltage Set By Resistor Divider
▪ Under-Voltage Lockout
▪ Soft-Start And Enable
▪ Synchronous Rectification
▪ Small, 14-pin Surface Mount Package

APPLICATIONS
▪ 12V to 3.3V Or Less Buck Regulators
▪ 3.3/5V to 2.5V Or Less Buck Regulators
▪ Hard Disk Drives
▪ Computer Add-on Cards




Similar Part No. - LX1684

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1684CD MICROSEMI-LX1684CD Datasheet
265Kb / 12P
Voltage-Mode PWM Controller
LX1684CD-TR MICROSEMI-LX1684CD-TR Datasheet
265Kb / 12P
Voltage-Mode PWM Controller
LX1684 MICROSEMI-LX1684_05 Datasheet
265Kb / 12P
Voltage-Mode PWM Controller
More results


Similar Description - LX1684

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
VOLTAGE-MODE PWM CONTROLLER
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684_05 Datasheet
265Kb / 12P
Voltage-Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com