Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1688IPW Datasheet (PDF) - Microsemi Corporation

LX1688IPW Datasheet PDF - Microsemi Corporation
Part # LX1688IPW
Download  LX1688IPW Download
File Size   624.43 Kbytes
Page   15 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MULTIPLE LAMP CCFL CONTROLLER

LX1688IPW Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1688IPW Datasheet PDF - Microsemi Corporation

Part # LX1688IPW
Download  LX1688IPW Click to download

File Size   624.43 Kbytes
Page   15 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MULTIPLE LAMP CCFL CONTROLLER

LX1688IPW Datasheet (HTML) - Microsemi Corporation


LX1688IPW Product details

DESCRIPTION

The LX1688 is a fixed frequency, dual current/voltage mode, switching regulator that provides the control function for Cold Cathode Fluorescent Lighting (CCFL). This controller can be used to drive a single lamp, but is specifically designed for multiple lamp LCD panels. The IC can be configured as a master or slave and synchronize up to 12 controllers.

The LX1688 includes highly integrated universal ‘PWM or DC’ dim input that allows either a PWM or DC input to adjust brightness without requiring external conditioning, since a single external capacitor CPWM can be used to integrate a PWM input. Burst mode dimming is possible if the user supplies a low frequency PWM signal on the BRITE input and no CPWM capacitor is used. The controller utilizes Microsemi’s patented direct drive fixed frequency topology and patented resonant lamp strike generation technique.



KEY FEATURES

▪ Provision to Synchronize Lamp Current & Frequency With Other Controllers

▪ Dimming With Analog or Digital (PWM) Methods (>20:1)

▪ Programmable Fixed Frequency

▪ Adjustable Power-up Reset

▪ ENABLE/BRITE Polarity Selection

▪ Voltage Limiting on Step-up Transformer Secondary Winding

▪ Open Lamp Timeout Circuitry

▪ Switched VDD Output (10mA)

▪ Micro-Amp Sleep Mode

▪ Operates With 3.3V to 5V Supply

▪ 100mA Output Drive Capability



APPLICATIONS / BENEFITS

▪ Desktop LCD Monitors

▪ Multiple Lamp Panels

▪ Low Ambient Light Displays

▪ High Efficiency

▪ Lower Cost than Conventional Buck/Royer Inverter Topologies

▪ Improved Lamp Strike Capability

▪ Improved Over-Voltage Control



 




Similar Part No. - LX1688IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1688IPW MICROSEMI-LX1688IPW Datasheet
489Kb / 16P
Multiple Lamp CCFL Controller
LX1688IPW-TR MICROSEMI-LX1688IPW-TR Datasheet
489Kb / 16P
Multiple Lamp CCFL Controller
More results


Similar Description - LX1688IPW

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
CCFL Backlight Controller
logo
Intersil Corporation
ISL6884 INTERSIL-ISL6884 Datasheet
256Kb / 13P
CCFL Brightness Controller
March 9, 2006
logo
Microsemi Corporation
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
TM High Performance Multi-Lamp CCFL Controller
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
High Performance CCFL controller
logo
Vishay Siliconix
CCFL VISHAY-CCFL Datasheet
124Kb / 5P
Inverter for CCFL Lamp
01-Oct-02
logo
Microsemi Corporation
LX1688 MICROSEMI-LX1688_06 Datasheet
489Kb / 16P
Multiple Lamp CCFL Controller
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
Third Generation CCFL Controller
logo
Renesas Technology Corp
ISL6884 RENESAS-ISL6884 Datasheet
557Kb / 13P
CCFL Brightness Controller
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com