Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12 Datasheet (PDF) - STMicroelectronics

LIS2DH12 Datasheet PDF - STMicroelectronics
Part # LIS2DH12
Download  LIS2DH12 Download
File Size   1121.17 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Free-fall detection

LIS2DH12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS2DH12 Datasheet PDF - STMicroelectronics

Part # LIS2DH12
Download  LIS2DH12 Click to download

File Size   1121.17 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Free-fall detection

LIS2DH12 Datasheet (HTML) - STMicroelectronics


LIS2DH12 Product details

Description
The LIS2DH12 is an ultra-low-power highperformance three-axis linear accelerometer belonging to the “femto” family with digital I2C/SPI serial interface standard output. The LIS2DH12 has user-selectable full scales of 2g/±4g/8g/16g and is capable of measuring accelerations with output data rates from 1 Hz to 5.3 kHz. The self-test capability allows the user to check the functionality of the sensor in the final application. The device may be configured to generate interrupt signals by detecting two independent inertial wake-up/free-fall events as well as by the position of the device itself. The LIS2DH12 is available in a small thin plastic land grid array package (LGA) and is guaranteed to operate over an extended temperature range from -40 °C to +85 °C. /*$ [[PP




Similar Part No. - LIS2DH12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
LIS2DHTR STMICROELECTRONICS-LIS2DHTR Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
More results


Similar Description - LIS2DH12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS601AF TOSHIBA-TPS601AF_07 Datasheet
212Kb / 6P
Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
NXP Semiconductors
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
Rise and fall times <150 ps
logo
Cypress Semiconductor
MB3793-34A CYPRESS-MB3793-34A Datasheet
949Kb / 26P
Precise detection of power voltage fall: ?깍?2.5%
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
Precise detection of power voltage fall: 2.5%
logo
RAF ELECTRONIC HARDWARE
8584-2528-A RAF-8584-2528-A Datasheet
139Kb / 1P
1/4 ROUND, 90째 FREE FALL EXTERNAL THREADED HANDLE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com