Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063 Datasheet (PDF) - STMicroelectronics

MC34063 Datasheet PDF - STMicroelectronics
Part # MC34063
Download  MC34063 Download
File Size   1483.19 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC CONVERTER CONTROL CIRCUITS

MC34063 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34063 Datasheet PDF - STMicroelectronics

Part # MC34063
Download  MC34063 Click to download

File Size   1483.19 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC CONVERTER CONTROL CIRCUITS

MC34063 Datasheet (HTML) - STMicroelectronics


MC34063 Product details

Description

The MC34063A/E series is a monolithic control circuit which delivers the main functions for DCDC voltage converting.

The device contains an internal temperature compensated reference, comparator, duty cycle controlled oscillator with anactive current limit circuit, driver and high current output switch.

Output voltage is adjustable through two external resistors with a 2% reference accuracy.

Employing a minimum number of external components, the MC34063A/E device series is designed for step-down, step-up and voltageinverting applications.



Features

- Output switch current in excess of 1.5 A

- 2 % reference accuracy

- Low quiescent current: 2.5 mA (typ.)

- Operating from 3 V to 40 V

- Frequency operation to 100 kHz

- Active current limiting




Similar Part No. - MC34063

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063 ONSEMI-MC34063 Datasheet
200Kb / 12P
DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Fairchild Semiconductor
MC34063 FAIRCHILD-MC34063 Datasheet
46Kb / 8P
SMPS Controller
logo
Analog Intergrations Co...
MC34063 AIC-MC34063 Datasheet
126Kb / 9P
DC/DC CONVERTER CONTROL CIRCUIT
logo
ON Semiconductor
MC34063 ONSEMI-MC34063 Datasheet
149Kb / 16P
DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
First Components Intern...
MC34063 FCI-MC34063 Datasheet
276Kb / 5P
DC to DC converted Controller
More results


Similar Description - MC34063

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC34063A STMICROELECTRONICS-MC34063A Datasheet
130Kb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Apr-2000
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
DC-DC CONVERTER CONTROL CIRCUITS
MC34063A ETC1-MC34063A Datasheet
124Kb / 10P
DC-DC Converter Control Circuits
logo
ADDtek Corp
AMC34063A ADDTEK-AMC34063A Datasheet
205Kb / 9P
DC-DC CONVERTER CONTROL CIRCUITS
JUNE 2006
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
DC/DC converter control circuits
20-Nov-2007
logo
HTC Korea TAEJIN Techno...
MC34063A HTC-MC34063A Datasheet
178Kb / 11P
DC-DC Converter Control Circuits
logo
Leshan Radio Company
LR34063 LRC-LR34063 Datasheet
244Kb / 12P
DC-DC Converter Control Circuits
logo
HTC Korea TAEJIN Techno...
MC34063AB HTC-MC34063AB Datasheet
435Kb / 12P
DC-DC Converter Control Circuits
logo
Shenzhen Huazhimei Semi...
HM3134 HMSEMI-HM3134 Datasheet
1Mb / 13P
DC-DC CONVERTER CONTROL CIRCUITS
HM3135 HMSEMI-HM3135 Datasheet
673Kb / 10P
DC-DC CONVERTER CONTROL CIRCUITS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com