Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-MKI138V1 Datasheet (PDF) - STMicroelectronics

STEVAL-MKI138V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-MKI138V1
Download  STEVAL-MKI138V1 Download
File Size   251.6 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STAudioHub USB interface board based on MP34DT01 and STM32

STEVAL-MKI138V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-MKI138V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-MKI138V1
Download  STEVAL-MKI138V1 Click to download

File Size   251.6 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STAudioHub USB interface board based on MP34DT01 and STM32

STEVAL-MKI138V1 Datasheet (HTML) - STMicroelectronics


STEVAL-MKI138V1 Product details

Description
The purpose of STEVAL-MKI138V1 is to provide a demonstration of decoding and streaming of digital MEMS microphone outputs. The STEVAL-MKI138V1 demonstration board hosts the MP34DT01 (top-port digital microphone), working as a sensor and the STM32F107RC microcontroller, which functions as an audio decoder. These microphones are analog-to-digital transducers. They are capable of sensing sound pressure and converting it to a digital signal using the PDM technique. The STM32 microcontroller decodes the PDM signals from the microphones and streams the audio via USB. The STEVAL-MKI138V1 is a sound card automatically recognized by the PC as an audio device. Connection is made through a USB cable, which both powers the board and streams the audio collected from the microphones to the PC. It is also possible to use the STEVAL-MKI138V1 as an interface board for other microphone boards (STEVAL-MKI126Vx), in which case use of the APWorkbench software tool is recommended. Top view Bottom view

Features
■ Powered and connected to PC through USB
■ Sound card automatically recognized by the PC as an audio device.
■ MEMS microphones provide a high frequency data stream (1 to 3.25 MHz) of 1 bit digital samples (PDM technique)
■ Audio collected from the microphones is sent to the PC through USB
■ LED status indicator
■ RoHS compliant




Similar Part No. - STEVAL-MKI138V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
STEVAL-MKI138V3 STMICROELECTRONICS-STEVAL-MKI138V3 Datasheet
430Kb / 4P
STAudioHub USB interface board based on MP45DT02 and STM32
June 2014 Rev 1
More results


Similar Description - STEVAL-MKI138V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
APWLink USB interface board based on the STA120D
17-May-2012
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
04-May-2010
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
14-Jul-2016
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
STEVAL-MKI138V3 STMICROELECTRONICS-STEVAL-MKI138V3 Datasheet
430Kb / 4P
STAudioHub USB interface board based on MP45DT02 and STM32
June 2014 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com