Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC772DB Datasheet (PDF) - Vishay Siliconix

SiC772DB Datasheet PDF - Vishay Siliconix
Part # SiC772DB
Download  SiC772DB Download
File Size   303.7 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description DrMOS Integrated Power Stage

SiC772DB Datasheet (PDF)

Go To PDF Page Download Datasheet
SiC772DB Datasheet PDF - Vishay Siliconix

Part # SiC772DB
Download  SiC772DB Click to download

File Size   303.7 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description DrMOS Integrated Power Stage

SiC772DB Datasheet (HTML) - Vishay Siliconix


SiC772DB Product details

• Thermally enhanced PowerPAK MLP6x6-40L
package
• Industry benchmark MOSFET with integrated
Schottky diode
• Delivers in excess of 40 A continuous current
• 86 % peak efficiency at 19 V to 1 V and 18 A
• High frequency operation up to 1.5 MHz
• Power MOSFETs optimized for 19 V input stage
• 5 V PWM Logic with Tri-state and hold-off
• SMOD logic for light load efficiency boost
• Low PWM propagation delay (< 20 ns)
• Thermal monitor flag
• Faster enable/disenable (10 ns)
•VCIN UVLO
• Compliant with Intel DrMOS 4.0 specification




Similar Part No. - SiC772DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SiC770CD-T1-GE3 VISHAY-SiC770CD-T1-GE3 Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SiC770DB VISHAY-SiC770DB Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SIC778A VISHAY-SIC778A Datasheet
719Kb / 13P
High Performance DrMOS ??Integrated Power Stage
21-May-12
SIC778A VISHAY-SIC778A Datasheet
728Kb / 13P
High Performance DrMOS – Integrated Power Stage
21-May-12
More results


Similar Description - SiC772DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
Integrated DrMOS Power Stage
08-Feb-10
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
Integrated DrMOS Power Stage
16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
Integrated DrMOS Power Stage
18-Apr-11
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
Integrated DrMOS Power Stage
21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
Integrated DrMOS Power Stage
18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
Integrated DrMOS Power Stage
08-Feb-10
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
Integrated DrMOS Power Stage
18-Jan-10
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
Integrated DrMOS Power Stage
18-Apr-11
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
Integrated DrMOS Power Stage
04-Aug-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com